Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6244 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6244
Description  Multi-Phase PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6244 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6244 Datasheet HTML 1Page - Renesas Technology Corp ISL6244 Datasheet HTML 2Page - Renesas Technology Corp ISL6244 Datasheet HTML 3Page - Renesas Technology Corp ISL6244 Datasheet HTML 4Page - Renesas Technology Corp ISL6244 Datasheet HTML 5Page - Renesas Technology Corp ISL6244 Datasheet HTML 6Page - Renesas Technology Corp ISL6244 Datasheet HTML 7Page - Renesas Technology Corp ISL6244 Datasheet HTML 8Page - Renesas Technology Corp ISL6244 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ISL6244
FN9106 Rev 3.00
Page 3 of 25
December 28, 2004
Absolute Maximum Ratings
Supply Voltage, VCC (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
Input, Output, or I/O Voltage . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class II
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . .-10°C to 100°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Thermal Information
Thermal Resistance
JA (°C/W) JC (°C/W)
QFN Package (Notes 4, 6). . . . . . . . . .
32
4
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range. . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
3. For VCC > 5.5V, current must be limited to 25mA.
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. Tolerance does not include the VID offset error or any external component tolerances.
6. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Operating Conditions: VCC = 5V, TA = -10°C to 100°C. Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN = 5VDC; RT = 100k ±1%
8.0
10.8
14.0
mA
Shutdown Supply
VCC = 5VDC; EN = 0VDC; RT = 100k±1%
8.0
10.3
13.0
mA
POWER-ON RESET AND ENABLE
POR Threshold
VCC Rising
4.25
4.35
4.60
V
VCC Falling
3.75
3.85
4.00
V
ENABLE Threshold
EN Rising
1.215
1.240
1.265
V
Hysteresis
82
92
102
mV
REFERENCE VOLTAGE AND DAC
System Accuracy (Note 5)
-1.2
-
1.2
%VID
0 to 70°C
-1
-
1
%VID
VID on Fly Step Size
RT = 100k
-25
-
mV
VID Pull Up
-30
-20
-10
A
VID Input Low Level
--
0.8
V
VID Input High Level
2.0
-
-
V
PIN-ADJUSTABLE OFFSET
OFS Current
-
100
-
A
Offset Accuracy
ROFS = 5k
±1%
92.0
100.0
108.0
mV
ROFS = 5k
±1% , 0 to 70°C
94.0
100.0
106.0
Maximum Offset
-
-
100.0
mV
OSCILLATOR
Accuracy
-12.5
-
12.5
%
RT = 100K
245
280
315
kHz
Adjustment Range
0.08
-
1.0
MHz
VFF Range
0.5
-
2.5
V
Max Duty Cycle
-75
-
%


Similar Part No. - ISL6244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
ISL6244CR INTERSIL-ISL6244CR Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
ISL6244CR INTERSIL-ISL6244CR Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
ISL6244CR-T INTERSIL-ISL6244CR-T Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
ISL6244CRZ INTERSIL-ISL6244CRZ Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6244

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com