Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6269A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6269A
Description  High-Performance Notebook PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6269A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6269A Datasheet HTML 4Page - Renesas Technology Corp ISL6269A Datasheet HTML 5Page - Renesas Technology Corp ISL6269A Datasheet HTML 6Page - Renesas Technology Corp ISL6269A Datasheet HTML 7Page - Renesas Technology Corp ISL6269A Datasheet HTML 8Page - Renesas Technology Corp ISL6269A Datasheet HTML 9Page - Renesas Technology Corp ISL6269A Datasheet HTML 10Page - Renesas Technology Corp ISL6269A Datasheet HTML 11Page - Renesas Technology Corp ISL6269A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ISL6269A
FN9253 Rev 3.00
Page 8 of 15
November 18, 2014
PVCC (Pin 12)
The PVCC pin is the input voltage bias for the LG low-side
MOSFET gate driver. Connect +5V from the PVCC pin to the PGND
pin. Decouple with at least 1µF of an MLCC capacitor across the
PVCC and PGND pins.
BOOT (Pin 13)
The BOOT pin stores the input voltage for the UG high-side
MOSFET gate driver. Connect an MLCC capacitor across the BOOT
and PHASE pins. The boot capacitor is charged through an
internal boot diode connected from the PVCC pin to the BOOT pin,
each time the PHASE pin drops below PVCC minus the voltage
dropped across the internal boot diode.
UG (Pin 14)
The UG pin is the output of the high-side MOSFET gate driver.
Connect to the gate of the high-side MOSFET.
PHASE (Pin 15)
The PHASE pin detects the voltage polarity of the PHASE node
and is also the current return path for the UG high-side MOSFET
gate driver. Connect the PHASE pin to the node consisting of the
high-side MOSFET source, the low-side MOSFET drain and the
output inductor.
PGOOD (Pin 16)
The PGOOD pin is an open-drain output that indicates when the
converter is able to supply regulated voltage. Connect the PGOOD
pin to +5V through a pull-up resistor.
Theory of Operation
Modulator
The ISL6269A is a hybrid of fixed frequency PWM control, and
variable frequency hysteretic control. Intersil’s R3™ Technology
can simultaneously affect the PWM switching frequency and
PWM duty cycle in response to input voltage and output load
transients. The term “Ripple” in the name “Robust Ripple
Regulator” refers to the converter output inductor ripple current,
not the converter output ripple voltage. The R3™ Modulator
synthesizes an AC signal VR, which is an ideal representation of
the output inductor ripple current. The duty-cycle of VR is the
result of charge and discharge current through a ripple capacitor
CR. The current through CR is provided by a transconductance
amplifier gm that measures the VIN and VO pin voltages. The
positive slope of VR can be written as:
The negative slope of VR can be written as:
Where gm is the gain of the transconductance amplifier.
A window voltage VW is referenced with respect to the error
amplifier output voltage VCOMP, creating an envelope into which
the ripple voltage VR is compared. The amplitude of VW is set by
a resistor connected across the FSET and GND pins. The VR,
VCOMP and VW signals feed into a window comparator in which
VCOMP is the lower threshold voltage and VW is the higher
threshold voltage. Figure 3 shows PWM pulses being generated
as VR traverses the VW and VCOMP thresholds. The PWM
switching frequency is proportional to the slew rates of the
positive and negative slopes of VR; the PWM switching frequency
is inversely proportional to the voltage between VW and VCOMP.
Power-On Reset
The ISL6269A is disabled until the voltage VVCC has increased
above the rising power-on reset (POR) VVCC_THR threshold voltage.
The controller will become once again disabled when the voltage
VVCC decreases below the falling POR VVCC_THF threshold voltage.
EN, Soft-Start and PGOOD
The ISL6269A uses a digital soft-start circuit to ramp the output
voltage of the converter to the programmed regulation setpoint
at a predictable slew rate. The slew rate of the soft-start
sequence has been selected to limit the in-rush current through
the output capacitors as they charge to the desired regulation
voltage. When the EN pin is pulled above the rising EN threshold
voltage VENTHR, the PGOOD soft-start delay tSS starts and the
output voltage begins to rise. The output voltage enters regulation
in approximately 1.5ms and the PGOOD pin goes to high
impedance once tSS has elapsed.
The PGOOD pin indicates when the converter is capable of
supplying regulated voltage. The PGOOD pin is an undefined
VRPOS
gm
 V
IN
VOUT

=
(EQ. 1)
VRNEG
gm VOUT
=
(EQ. 2)
Ripple Capacitor Voltage CR
Error Amplifier Voltage VCOMP
Window Voltage VW
PWM
FIGURE 3. MODULATOR WAVEFORMS DURING LOAD TRANSIENT
EN
VCC and PVCC
VOUT
PGOOD
1.5ms
2.75ms
FIGURE 4. SOFT-START SEQUENCE


Similar Part No. - ISL6269A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
ISL6269A INTERSIL-ISL6269A Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
More results

Similar Description - ISL6269A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
   High-Performance Notebook PWM Controller
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW7138 ANPEC-APW7138 Datasheet
553Kb / 26P
   High-Performance Notebook PWM Controller
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com