Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS44409-60DJ Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS44409-60DJ
Description  1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS44409-60DJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS44409-60DJ Datasheet HTML 4Page - Texas Instruments TMS44409-60DJ Datasheet HTML 5Page - Texas Instruments TMS44409-60DJ Datasheet HTML 6Page - Texas Instruments TMS44409-60DJ Datasheet HTML 7Page - Texas Instruments TMS44409-60DJ Datasheet HTML 8Page - Texas Instruments TMS44409-60DJ Datasheet HTML 9Page - Texas Instruments TMS44409-60DJ Datasheet HTML 10Page - Texas Instruments TMS44409-60DJ Datasheet HTML 11Page - Texas Instruments TMS44409-60DJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TMS44409, TMS44409P
1048576-WORD BY 4-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SMHS563 – JULY1995
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’44409-60
’44409P-60
’44409-70
’44409P-70
’44409-80
’44409P-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Cycle time, random read or write (see Note 7)
110
130
150
ns
tRWC
Cycle time, read-write (see Note 7)
150
175
200
ns
tPRWC
Cycle time, EDO page-mode read-write
80
90
100
ns
tRASP
Pulse duration, page mode, RAS low, (see Note 8)
60
100 000
70
100 000
80
100 000
ns
tRAS
Pulse duration, nonpage mode, RAS low, (see Note 8)
60
10 000
70
10 000
80
10 000
ns
tRP
Pulse duration, RAS high (precharge)
40
50
60
ns
tWP
Pulse duration, W
10
10
10
ns
tASC
Setup time, column address before CAS low
0
0
0
ns
tASR
Setup time, row address before RAS low
0
0
0
ns
tDS
Setup time, data before W low (see Note 9)
0
0
0
ns
tRCS
Setup time, read before CAS low
0
0
0
ns
tCWL
Setup time, W low before CAS high
10
12
15
ns
tRWL
Setup time, W low before RAS high
10
12
15
ns
tWCS
Setup time, W low before CAS low ( early-write operation only )
0
0
0
ns
tWSR
Setup time, W high ( CBR refresh only )
10
10
10
ns
tCAH
Hold time, column address after CAS low
10
15
15
ns
tDH
Hold time, data after CAS low (see Note 9)
10
15
15
ns
tRAH
Hold time, row address after RAS low
10
10
10
ns
tRCH
Hold time, read after CAS high (see Note 10)
0
0
0
ns
tRRH
Hold time, read after RAS high (see Note 10)
0
0
0
ns
tWCH
Hold time, write after CAS low ( early-write operation only )
10
15
15
ns
tWHR
Hold time, W high ( CBR refresh only)
10
10
10
ns
tROH
Hold time, RAS referenced to OE
10
10
10
ns
tAWD
Delay time, column address to W low ( read-write operation only )
55
63
70
ns
tCHR
Delay time, RAS low to CAS high ( CBR refresh only )
15
15
20
ns
tCRP
Delay time, CAS high to RAS low
0
0
0
ns
tCSR
Delay time, CAS low to RAS low ( CBR refresh only )
5
5
5
ns
tCWD
Delay time, CAS low to W low ( read-write operation only )
40
46
50
ns
tOEH
Hold time, OE command
15
18
20
ns
tOED
Delay time, valid data in after OE high
15
18
20
ns
tRAD
Delay time, RAS low to column address
15
30
15
35
15
40
ns
tRAL
Delay time, column address to RAS high
30
35
40
ns
tCAL
Delay time, column address to CAS high
20
25
30
ns
tRCD
Delay time, RAS low to CAS low ( see Note 11)
20
45
20
52
20
60
ns
tRPC
Delay time, RAS high to CAS low ( CBR refresh only )
0
0
0
ns
NOTES:
7. All timing requirements assume tT = 5 ns.
8. In a read-write cycle, tRWD and tRWL must be observed.
9. Referenced to the later of CAS or W in write operations
10. The minimum value is measured when tRCD is set to tRCD min as a reference.
11. The minimum value is specified only to assure access time.


Similar Part No. - TMS44409-60DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI1-TMS44400 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400-60DJ TI1-TMS44400-60DJ Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400-70DJ TI-TMS44400-70DJ Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400-70DR TI1-TMS44400-70DR Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS44409-60DJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ44C256 TI-SMJ44C256 Datasheet
330Kb / 21P
[Old version datasheet]   262144 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com