Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC23BIPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC23BIPWR
Description  STEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC23BIPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC23BIPWR Datasheet HTML 7Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 8Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 9Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 10Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 11Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 12Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 13Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 14Page - Texas Instruments TLV320AIC23BIPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
1−5
1.4
Ordering Information
PACKAGE
TA
32-Pin
MicroStar Junior GQE/ZQE
28-Pin
TSSOP PW
28-Pin
PQFP RHD
−10
°C to 70°C
TLV320AIC23BGQE/ZQE
TLV320AIC23BPW
TLV320AIC23BRHD
−40
°C to 85°C
TLV320AIC23BIGQE/ZQE
TLV320AIC23BIPW
TLV320AIC23BIRHD
1.5
Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
GQE/
ZQE
PW
RHD
I/O
DESCRIPTION
AGND
5
15
12
Analog supply return
AVDD
4
14
11
Analog supply input. Voltage level is 3.3 V nominal.
BCLK
23
3
28
I/O
I2S serial-bit clock. In audio master mode, the AIC23B generates this signal and sends it to the
DSP. In audio slave mode, the signal is generated by the DSP.
BVDD
21
1
26
Buffer supply input. Voltage range is from 2.7 V to 3.6 V.
CLKOUT
22
2
27
O
Clock output. This is a buffered version of the XTI input and is available in 1X or 1/2X frequencies
of XTI. Bit 07 in the sample rate control register controls frequency selection.
CS
12
21
18
I
Control port input latch/address select. For SPI control mode this input acts as the data latch
control. For 2-wire control mode this input defines the seventh bit in the device address field.
See Section 3.1 for details.
DIN
24
4
1
I
I2S format serial data input to the sigma-delta stereo DAC
DGND
20
28
25
Digital supply return
DOUT
27
6
3
O
I2S format serial data output from the sigma-delta stereo ADC
DVDD
19
27
24
Digital supply input. Voltage range is 1.4 V to 3.6 V.
HPGND
32
11
8
Analog headphone amplifier supply return
HPVDD
29
8
5
Analog headphone amplifier supply input. Voltage level is 3.3 V nominal.
LHPOUT
30
9
6
O
Left stereo mixer-channel amplified headphone output. Nominal 0-dB output level is 1 VRMS.
Gain of –73 dB to 6 dB is provided in 1-dB steps.
LLINEIN
11
20
17
I
Left stereo-line input channel. Nominal 0-dB input level is 1 VRMS. Gain of –34.5 dB to 12 dB is
provided in 1.5-dB steps.
LOUT
2
12
9
O
Left stereo mixer-channel line output. Nominal output level is 1.0 VRMS.
LRCIN
26
5
2
I/O
I2S DAC-word clock signal. In audio master mode, the AIC23B generates this framing signal
and sends it to the DSP. In audio slave mode, the signal is generated by the DSP.
LRCOUT
28
7
4
I/O
I2S ADC-word clock signal. In audio master mode, the AIC23B generates this framing signal
and sends it to the DSP. In audio slave mode, the signal is generated by the DSP.
MICBIAS
7
17
14
O
Buffered low-noise-voltage output suitable for electret-microphone-capsule biasing. Voltage
level is 3/4 AVDD nominal.
MICIN
8
18
15
I
Buffered amplifier input suitable for use with electret-microphone capsules. Without external
resistors a default gain of 5 is provided. See Section 2.3.1.2 for details.
MODE
13
22
19
I
Serial-interface-mode input. See Section 3.1 for details.
NC
1, 9
17, 25
Not Used—No internal connection
RHPOUT
31
10
7
O
Right stereo mixer-channel amplified headphone output. Nominal 0-dB output level is 1 VRMS.
Gain of −73 dB to 6 dB is provided in 1-dB steps.
RLINEIN
10
19
16
I
Right stereo-line input channel. Nominal 0-dB input level is 1 VRMS. Gain of –34.5 dB to 12 dB is
provided in 1.5-dB steps.
ROUT
3
13
10
O
Right stereo mixer-channel line output. Nominal output level is 1.0 VRMS.


Similar Part No. - TLV320AIC23BIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23BIPWR TI-TLV320AIC23BIPWR Datasheet
726Kb / 56P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23BIPWRG4 TI-TLV320AIC23BIPWRG4 Datasheet
726Kb / 56P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23BIPWRQ1 TI1-TLV320AIC23BIPWRQ1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
More results

Similar Description - TLV320AIC23BIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23B TI-TLV320AIC23B_06 Datasheet
726Kb / 56P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23B-Q1 TI1-TLV320AIC23B-Q1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23_06 Datasheet
222Kb / 44P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23 Datasheet
211Kb / 42P
[Old version datasheet]   STereo Audio CODEC, 8- to 96kHz, With Integrated Headphone Amplifier
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com