Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC23BIRHDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC23BIRHDR
Description  STEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC23BIRHDR Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC23BIRHDR Datasheet HTML 1Page - Texas Instruments TLV320AIC23BIRHDR Datasheet HTML 2Page - Texas Instruments TLV320AIC23BIRHDR Datasheet HTML 3Page - Texas Instruments TLV320AIC23BIRHDR Datasheet HTML 4Page - Texas Instruments TLV320AIC23BIRHDR Datasheet HTML 5Page - Texas Instruments TLV320AIC23BIRHDR Datasheet HTML 6Page - Texas Instruments TLV320AIC23BIRHDR Datasheet HTML 7Page - Texas Instruments TLV320AIC23BIRHDR Datasheet HTML 8Page - Texas Instruments TLV320AIC23BIRHDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
v
List of Illustrations
Figure
Title
Page
2−1
System-Clock Timing Requirements
2−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−2
Master-Mode Timing Requirements
2−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−3
Slave-Mode Timing Requirements
2−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−4
Three-Wire Control Interface Timing Requirements
2−7
. . . . . . . . . . . . . . . . . .
2−5
Two-Wire Control Interface Timing Requirements
2−7
. . . . . . . . . . . . . . . . . . .
3−1
SPI Timing
3−1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−2
2-Wire Compatible Timing
3−2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−3
Analog Line Input Circuit
3−5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−4
Microphone Input Circuit
3−6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−5
Right-Justified Mode Timing
3−7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−6
Left-Justified Mode Timing
3−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−7
I2S Mode Timing
3−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−8
DSP Mode Timing
3−8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−9
Digital De-Emphasis Filter Response − 44.1 kHz Sampling
3−12
. . . . . . . . . . .
3−10
Digital De-Emphasis Filter Response − 48 kHz Sampling
3−12
. . . . . . . . . . . .
3−11
ADC Digital Filter Response 0: USB Mode
(Group Delay = 12 Output Samples)
3−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−12
ADC Digital Filter Ripple 0: USB
(Group Delay = 20 Output Samples)
3−13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−13
ADC Digital Filter Response 1: USB Mode Only
3−14
. . . . . . . . . . . . . . . . . . . .
3−14
ADC Digital Filter Ripple 1: USB Mode Only
3−14
. . . . . . . . . . . . . . . . . . . . . . . .
3−15
ADC Digital Filter Response 2: USB mode and Normal Modes
(Group Delay = 3 Output Samples)
3−15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−16
ADC Digital Filter Ripple 2: USB Mode and Normal Modes
3−15
. . . . . . . . . . .
3−17
ADC Digital Filter Response 3: USB Mode Only
3−16
. . . . . . . . . . . . . . . . . . . .
3−18
ADC Digital Filter Ripple 3: USB Mode Only
3−16
. . . . . . . . . . . . . . . . . . . . . . . .
3−19
DAC Digital Filter Response 0: USB Mode
3−17
. . . . . . . . . . . . . . . . . . . . . . . . .
3−20
DAC Digital Filter Ripple 0: USB Mode
3−17
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−21
DAC Digital Filter Response 1: USB Mode Only
3−18
. . . . . . . . . . . . . . . . . . . .
3−22
DAC Digital Filter Ripple 1: USB Mode Only
3−18
. . . . . . . . . . . . . . . . . . . . . . . .
3−23
DAC Digital Filter Response 2: USB Mode and Normal Modes
3−19
. . . . . . . .
3−24
DAC Digital Filter Ripple 2: USB Mode and Normal Modes
3−19
. . . . . . . . . . .
3−25
DAC Digital Filter Response 3: USB Mode Only
3−20
. . . . . . . . . . . . . . . . . . . .
3−26
DAC Digital Filter Ripple 3: USB Mode Only
3−20
. . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TLV320AIC23BIRHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23BIRHDR TI-TLV320AIC23BIRHDR Datasheet
726Kb / 56P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
More results

Similar Description - TLV320AIC23BIRHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23B TI-TLV320AIC23B_06 Datasheet
726Kb / 56P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23B-Q1 TI1-TLV320AIC23B-Q1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23_06 Datasheet
222Kb / 44P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23 Datasheet
211Kb / 42P
[Old version datasheet]   STereo Audio CODEC, 8- to 96kHz, With Integrated Headphone Amplifier
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com