Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA11136 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # CA11136
Description  ~40째 wide beam optimized for Osram Golden Dragon . 13.9 mm high assembly with installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11136 Datasheet(HTML) 2 Page - Ledil, Inc.

  CA11136_18 Datasheet HTML 1Page - Ledil, Inc. CA11136_18 Datasheet HTML 2Page - Ledil, Inc. CA11136_18 Datasheet HTML 3Page - Ledil, Inc. CA11136_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT
DATASHEET
CA11136_LO2-W
Last update: 16/05/2018
Subject to change without prior notice
2/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11136_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11136 LEDIL-CA11136 Datasheet
255Kb / 4P
   Leila Assembly
More results

Similar Description - CA11136_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11834 LEDIL-FA11834_18 Datasheet
1Mb / 4P
   ~40째 x 10째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA10750 LEDIL-FA10750_18 Datasheet
3Mb / 4P
   ~25째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA11453 LEDIL-FA11453_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA10751 LEDIL-FA10751_18 Datasheet
3Mb / 4P
   ~9.6째 spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA10753 LEDIL-FA10753_18 Datasheet
3Mb / 4P
   ~14째 diffused spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA11135 LEDIL-FA11135_18 Datasheet
1Mb / 4P
   ~10째 x 40째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly
FA10886 LEDIL-FA10886_18 Datasheet
3Mb / 4P
   ~13째 spot beam optimized for Osram Golden Dragon . Assembly with holder and installation tape.
FCN11260 LEDIL-FCN11260_18 Datasheet
1Mb / 4P
   ~40째 x 10째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
CA12081 LEDIL-CA12081_18 Datasheet
1Mb / 4P
   ~80째 wide beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10342 LEDIL-FA10342_18 Datasheet
3Mb / 4P
   ~50째 wide beam optimized for Osram Golden Dragon . Assembly with white holder.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com