Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12629 Datasheet(PDF) 4 Page - Ledil, Inc.

Part # CA12629
Description  ~10째 x 40째 oval beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12629 Datasheet(HTML) 4 Page - Ledil, Inc.

  CA12629 Datasheet HTML 1Page - Ledil, Inc. CA12629 Datasheet HTML 2Page - Ledil, Inc. CA12629 Datasheet HTML 3Page - Ledil, Inc. CA12629 Datasheet HTML 4Page - Ledil, Inc. CA12629 Datasheet HTML 5Page - Ledil, Inc. CA12629 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT
DATASHEET
CA12629_LR2-O-90
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON Z ES
FWHM
10.0 + 40.0°
Efficiency
89 %
Peak intensity
6.000 cd/lm
Required components:
LED
NVSxx19B/NVSxx19C
FWHM
13.0 + 43.0°
Efficiency
94 %
Peak intensity
4.100 cd/lm
Required components:
LED
Oslon Square EC
FWHM
14.0 + 34.0°
Efficiency
88 %
Peak intensity
4.300 cd/lm
Required components:
Last update: 17/05/2018
Subject to change without prior notice
4/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12629

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
   Leila series
logo
Ledil, Inc.
CA12665 LEDIL-CA12665 Datasheet
485Kb / 3P
   ~14째 diffused spot beam optimized for CREE XB-D
logo
Cree, Inc
CA12665-LXB2-D CREE-CA12665-LXB2-D Datasheet
830Kb / 9P
   Leila series
CA12666 CREE-CA12666 Datasheet
254Kb / 5P
   Leila series
logo
Ledil, Inc.
CA12666 LEDIL-CA12666 Datasheet
1Mb / 4P
   ~25째 medium beam optimized for CREE XB-D.
More results

Similar Description - CA12629

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12394 LEDIL-CA12394 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA11640 LEDIL-CA11640 Datasheet
2Mb / 4P
   ~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.5 mm high assembly with installation tape.
CA13180 LEDIL-CA13180 Datasheet
2Mb / 4P
   ~60째 x 40째 oval beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA11931 LEDIL-CA11931 Datasheet
3Mb / 6P
   ~25째 medium beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
FCN11106 LEDIL-FCN11106 Datasheet
1Mb / 4P
   ~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.3 mm high assembly
CA11929 LEDIL-CA11929 Datasheet
3Mb / 6P
   ~9.6째 spot beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA11930 LEDIL-CA11930 Datasheet
3Mb / 6P
   ~14째 diffused spot beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA13100 LEDIL-CA13100 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FCA11275 LEDIL-FCA11275 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel. 14.3 mm high assembly with installation tape.
CA12393 LEDIL-CA12393 Datasheet
2Mb / 5P
   ~40째 wide beam optimized for LUXEON Rebel. 14.5 mm high assembly with installation tape.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com