Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6534CV Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6534CV
Description  Dual PWM with Linear
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6534CV Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6534CV Datasheet HTML 3Page - Renesas Technology Corp ISL6534CV Datasheet HTML 4Page - Renesas Technology Corp ISL6534CV Datasheet HTML 5Page - Renesas Technology Corp ISL6534CV Datasheet HTML 6Page - Renesas Technology Corp ISL6534CV Datasheet HTML 7Page - Renesas Technology Corp ISL6534CV Datasheet HTML 8Page - Renesas Technology Corp ISL6534CV Datasheet HTML 9Page - Renesas Technology Corp ISL6534CV Datasheet HTML 10Page - Renesas Technology Corp ISL6534CV Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ISL6534
FN9134 Rev 2.00
Page 7 of 29
Nov 18, 2005
ERROR AMPLIFIER (OUT1 and OUT2)
Open-Loop Gain
RL = 10k
 to ground; (Note 7)
85
dB
Open-Loop Bandwidth
CL = 100pF, RL = 10k
 to ground; (Note 7)
15
MHz
Slew Rate
CL = 100pF, RL = 10k
 to ground; (Note 7)
4
V/µs
EA Offset
COMP1/2 to FB1/2; compare to internal VREF/REFIN; (Note 7)
2
mV
Maximum Output Voltage
VCC = 5V; RL = 10k to ground; (may trip short-circuit)
3.6
4.1
V
Output High Source Current
COMP1/2
-8
mA
Output Low Sink Current
COMP1/2
6
mA
PROTECTION AND MONITOR
Undervoltage Threshold (COMP1 and
COMP2)
Causes PGOOD to go low; if there for a filter time,
Implies the COMP pin(s) is out -of-range, and shuts down IC
3.3
V
UV Filter Time
Based on internal oscillator clock frequency
(nominal 300kHz = 3.3µs clock period)
1-2
clock
pulses
PGOOD Low Voltage
IPGOOD = 2mA
0.1
0.3
V
LINEAR REGULATOR (OUT3)
Min Output Voltage
(As determined by resistor divider into FB3); (Note 8)
0.6
V
Max Output Voltage
(As determined by resistor divider into FB3); (Note 8)
3.3
V
EA Offset
DRIVE3 to FB3; compare to internal VREF; (Note 7)
2
mV
DRIVE3 High Output Voltage
9V
DRIVE3 High Output Source Current
0.4
mA
DRIVE3 Low Output Sink Current
0.4
mA
VREF
Output Voltage
VCC = 4.75 to 5.25V; TA = 0°C to 70°C; (Note 5)
1.1µF max capacitance
3.244
3.307
3.370
V
Output Voltage
VCC = ~5.8V (@ 20mA shunt current); TA = 0°C to 70°C; (Note 5) 3.285
3.335
3.385
V
Source Current
2.0
mA
REFIN
Input Offset Voltage
-2.5
+2.5
mV
Common Mode Input Range
VCC can be external or internal shunt regulator voltage
0.6
VCC-
1.8
V
REFOUT (VTTREF)
Min Output Voltage
Determined by REFIN voltage
0.6
V
Max Output Voltage
Determined by REFIN voltage
3.3
V
Offset Voltage
REFIN = 3.3V
-10
+10
mV
Source Current
0.2
20
mA
Sink Current
0.48
mA
Min Output Capacitance
External
0.4
µF
Max Output Capacitance
External
2.2
µF
Output High Voltage Minimum
To select 0 degree phase; (see Table 1)
4.7
VCC
V
Electrical Specifications
Operating Conditions: VCC = 5V, VCC12 = 12V, TA = 0°C to 70°C, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - ISL6534CV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6534CV INTERSIL-ISL6534CV Datasheet
612Kb / 26P
   Dual PWM with Linear
ISL6534CV-T INTERSIL-ISL6534CV-T Datasheet
612Kb / 26P
   Dual PWM with Linear
ISL6534CVZ INTERSIL-ISL6534CVZ Datasheet
612Kb / 26P
   Dual PWM with Linear
ISL6534CVZ-T INTERSIL-ISL6534CVZ-T Datasheet
612Kb / 26P
   Dual PWM with Linear
More results

Similar Description - ISL6534CV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6534 INTERSIL-ISL6534 Datasheet
612Kb / 26P
   Dual PWM with Linear
logo
ON Semiconductor
NCP1501 ONSEMI-NCP1501 Datasheet
161Kb / 14P
   Dual Mode PWM/Linear Buck Converter
March, 2004 ??Rev. 7
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6019 INTERSIL-HIP6019 Datasheet
152Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
logo
Renesas Technology Corp
HIP6019 RENESAS-HIP6019 Datasheet
824Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
April 1998
logo
Intersil Corporation
HIP6019B INTERSIL-HIP6019B Datasheet
362Kb / 15P
   Advanced Dual PWM and Dual Linear Power Control
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
List of Unclassifed Man...
RT9229 ETC1-RT9229 Datasheet
219Kb / 10P
   Advaced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com