Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6549CB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6549CB
Description  Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6549CB Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6549CB Datasheet HTML 1Page - Renesas Technology Corp ISL6549CB Datasheet HTML 2Page - Renesas Technology Corp ISL6549CB Datasheet HTML 3Page - Renesas Technology Corp ISL6549CB Datasheet HTML 4Page - Renesas Technology Corp ISL6549CB Datasheet HTML 5Page - Renesas Technology Corp ISL6549CB Datasheet HTML 6Page - Renesas Technology Corp ISL6549CB Datasheet HTML 7Page - Renesas Technology Corp ISL6549CB Datasheet HTML 8Page - Renesas Technology Corp ISL6549CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL6549
Rev X.00
Page 2 of 18
Block Diagram
Pinouts
ISL6549 (SOIC)
TOP VIEW
ISL6549 (QFN)
TOP VIEW
ISL6549 (QSOP)
TOP VIEW
FB
COMP
LDO_DR
LDO_FB
UGATE
VCC5
PVCC5
14
13
12
11
1
2
3
4
10
9
8
5
6
7
FS_DIS
GND
BOOT
VCC12
LGATE
PGND
PHASE
COMP
FB
LDO_DR
LDO_FB
PGND
LGATE
PVCC5
VCC5
1
3
4
15
16
14
13
2
9
6
57
8
METAL
GND
PAD
(BOTTOM)
12
10
11
FB
COMP
LDO_DR
LDO_FB
UGATE
VCC5
PVCC5
16
15
14
13
1
2
3
4
12
11
10
5
6
7
FS_DIS
AGND
BOOT
VCC12
LGATE
PGND
PHASE
8
DGND
9 VCC12
PHASE
SOFT-START
COMP
EA1
VCC5
PWM
UGATE
LDO_DR
LDO_FB
POWER-ON
RESET (POR)
OSCILLATOR
FB
COMP
EA2
UV2
VOLTAGE
REFERENCE
RESTART
UV1
INHIBIT
SOFT-START
LGATE
BOOT
GATE
LOGIC
PGND
VCC12
FS_DIS
GND
PVCC5
DIS
DIS
5V
REGULATOR


Similar Part No. - ISL6549CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6549CB INTERSIL-ISL6549CB Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6549CBZ INTERSIL-ISL6549CBZ Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6549CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com