Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6549CAZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6549CAZ
Description  Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6549CAZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6549CAZ Datasheet HTML 6Page - Renesas Technology Corp ISL6549CAZ Datasheet HTML 7Page - Renesas Technology Corp ISL6549CAZ Datasheet HTML 8Page - Renesas Technology Corp ISL6549CAZ Datasheet HTML 9Page - Renesas Technology Corp ISL6549CAZ Datasheet HTML 10Page - Renesas Technology Corp ISL6549CAZ Datasheet HTML 11Page - Renesas Technology Corp ISL6549CAZ Datasheet HTML 12Page - Renesas Technology Corp ISL6549CAZ Datasheet HTML 13Page - Renesas Technology Corp ISL6549CAZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL6549
Rev X.00
Page 10 of 18
For most situations, no external compensation is required for
the linear output. See “Linear Controller Feedback
Compensation” on page 12
.
For both outputs, the selection of 1% resistors may not be
able to get the exact ratio desired for any given output voltage.
If the output must be defined better, then one option is to
place a much bigger resistor in parallel with R4 or R6, to lower
its value. For example, a 100k
 in parallel with a 1.00k
yields 990
, 1% below 1.00k, which gives finer resolution
than the next lower size (976
 1%). The big resistor may not
have to be 1% tolerance either.
If the linear output is not required, connect the LDO_DR pin
directly to LDO_FB pin with no other components. This will
terminate the signals and keep the linear from tripping its
undervoltage, which would force both outputs into retry.
Converter Shutdown
Pulling and holding the FS_DIS pin near GND will shut down
both regulators; almost any NFET or other pull-down device
(<1k
 impedance) should work. Upon release of the FS_DIS
pin, the regulators enter into a soft-start cycle which brings
both outputs back into regulation. The FS_DIS pin requires a
quiet GND to minimize jitter. To accomplish this, the FS
resistor and any pull-down device should be placed as close
as possible to the pin, and the GND should be kept away from
the noisy FET GND.
Boot Capacitor, Boot Refresh
A capacitor from the PHASE pin to the BOOT pin is required
for the bootstrap circuit for the Upper Gate. The VIN1 voltage
(and thus the PHASE node) is allowed to go as high as a
nominal 12V (±10%) supply. A diode is included on the IC
(anode to PVCC5 pin, cathode to BOOT pin), such that the
PVCC5 (nominally around 5.25V) will be the bootstrap supply.
In the event that the UGATE is on for an extended period of
time, the charge on the boot capacitor can start to sag, raising
the RDS(ON) of the upper FET. The ISL6549 has a circuit that
detects a long UGATE on-time (32 oscillator clock periods),
and forces the LGATE to go high for one oscillator cycle,
which allows the bootstrap capacitor time to recharge.
PWM Controller Feedback Compensation
This section highlights the design consideration for a
voltage-mode controller requiring external compensation. To
address a broad range of applications, a type-3 feedback
network is recommended (see Figure 9).
Figure 10 highlights the voltage-mode control loop for a
synchronous-rectified buck converter, applicable to the
ISL6549 circuit. The output voltage (VOUT) is regulated to the
reference voltage, VREF. The error amplifier output (COMP pin
voltage) is compared with the oscillator (OSC) modified
saw-tooth wave to provide a pulse-width modulated wave with
an amplitude of VIN at the PHASE node. The PWM wave is
smoothed by the output filter (L and C). The output filter
capacitor bank’s equivalent series resistance is represented by
the series resistor E.
The modulator transfer function is the small-signal transfer
function of VOUT/VCOMP. This function is dominated by a DC
gain, given by dMAXVIN/VOSC, and shaped by the output
filter, with a double pole break frequency at FLC and a zero at
FCE. For the purpose of this analysis, L and D represent the
channel inductance and its DCR, while C and E represents
the total output capacitance and its equivalent series
resistance.
The compensation network consists of the error amplifier
(internal to the ISL6549) and the external R1-R3, C1-C3
components. The goal of the compensation network is to
provide a closed loop transfer function with high 0dB crossing
frequency (F0; typically 0.1 to 0.3 of FSW) and adequate phase
margin (better than 45 degrees). Phase margin is the difference
between the closed loop phase at F0dB and 180°. The
equations that follow relate the compensation network’s poles,
zeros and gain to the components (R1, R2, R3, C1, C2, and
C3) in Figure 10.
FIGURE 8. OUTPUT VOLTAGE SELECTION OF THE LINEAR
(VOUT2)
LDO_DR
LDO_FB
COUT2
ISL6549
VOUT2
VIN2
R5
R6
+
Q3
VOUT2 0.8 1
R5
R6
--------
+


=
+
CIN2
FIGURE 9. COMPENSATION CONFIGURATION FOR ISL6549
CIRCUIT
ISL6549
COMP
C1
R2
R1
FB
VDIFF (VOUT)
C2
R3
C3
FLC
1
2
LC
---------------------------
=
FCE
1
2
 CE

------------------------
=
(EQ. 3)


Similar Part No. - ISL6549CAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6549CAZ INTERSIL-ISL6549CAZ Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6549CAZA INTERSIL-ISL6549CAZA Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6549CAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com