Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W741E204 Datasheet(PDF) 8 Page - Winbond

Part # W741E204
Description  4-BIT FLASH MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W741E204 Datasheet(HTML) 8 Page - Winbond

Back Button W741E204 Datasheet HTML 4Page - Winbond W741E204 Datasheet HTML 5Page - Winbond W741E204 Datasheet HTML 6Page - Winbond W741E204 Datasheet HTML 7Page - Winbond W741E204 Datasheet HTML 8Page - Winbond W741E204 Datasheet HTML 9Page - Winbond W741E204 Datasheet HTML 10Page - Winbond W741E204 Datasheet HTML 11Page - Winbond W741E204 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
Preliminary W741E20X
- 8 -
The first sixteen addresses (00H to 0FH) in the data memory are known as the working registers
(WR). The other data memory is used as general memory and cannot operate directly with immediate
data. The relationship between data memory locations and the page register (PAGE) in indirect
addressing mode is described in the next section.
2. Page Register (PAGE)
The page register is organized as a 4-bit binary register. The bit descriptions are as follows:
R/W
R/W
R/W
0
1
2
3
PAGE
_
Note: R/W means read/write available.
Bit 3 is reserved.
Bit 2, Bit 1, Bit 0 Indirect addressing mode preselect bits:
000 = Page 0 (00H - 0FH)
001 = Page 1 (10H - 1FH)
010 = Page 2 (20H - 2FH)
011 = Page 3 (30H - 3FH)
100 = Page 4 (40H - 4FH)
101 = Page 5 (50H - 5FH)
110 = Page 6 (60H - 6FH)
111 = Page 7 (70H - 7FH)
Accumulator (ACC)
The accumulator (ACC) is a 4-bit register used to hold results from the ALU and transfer data between
the memory, I/O ports, and registers.
Arithmetic and Logic Unit (ALU)
This is a circuit which performs arithmetic and logic operations. The ALU provides the following
functions:
Logic operations: ANL, XRL, ORL
Branch decisions: JB0, JB1, JB2, JB3, JNZ, JZ, JC, JNC, DSKZ, DSKNZ, SKB0, SKB1, SKB2, SKB3
Shift operations: SHRC, RRC, SHLC, RLC
Binary additions/subtractions: ADC, SBC, ADD, SUB, ADU, DEC, INC
After any of the above instructions are executed, the status of the carry flag (CF) and zero flag (ZF) is
stored in the internal registers. CF can be read out by executing MOVA R, CF.


Similar Part No. - W741E204

ManufacturerPart #DatasheetDescription
logo
Winbond
W741E20X WINBOND-W741E20X Datasheet
531Kb / 84P
   4-BIT FLASH MICROCONTROLLER
More results

Similar Description - W741E204

ManufacturerPart #DatasheetDescription
logo
Winbond
W741E260 WINBOND-W741E260 Datasheet
554Kb / 94P
   4-BIT FLASH MICROCONTROLLER
W741E20X WINBOND-W741E20X Datasheet
531Kb / 84P
   4-BIT FLASH MICROCONTROLLER
W541E260 WINBOND-W541E260 Datasheet
75Kb / 11P
   4-BIT FLASH EPROM MICROCONTROLLER
W541E20X WINBOND-W541E20X Datasheet
93Kb / 14P
   4 BIT FLASH EPROM MICROCONTROLLER
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
logo
Renesas Technology Corp
PD70F3178 RENESAS-PD70F3178_15 Datasheet
597Kb / 40P
   32-Bit Flash Microcontroller
logo
ATMEL Corporation
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
   8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com