Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W742C813 Datasheet(PDF) 3 Page - Winbond

Part # W742C813
Description  4 BIT MICROCONTROLLER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W742C813 Datasheet(HTML) 3 Page - Winbond

  W742C813 Datasheet HTML 1Page - Winbond W742C813 Datasheet HTML 2Page - Winbond W742C813 Datasheet HTML 3Page - Winbond W742C813 Datasheet HTML 4Page - Winbond W742C813 Datasheet HTML 5Page - Winbond W742C813 Datasheet HTML 6Page - Winbond W742C813 Datasheet HTML 7Page - Winbond W742C813 Datasheet HTML 8Page - Winbond W742C813 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
W742E/C813
Publication Release Date: December 2000
- 3 -
Revision A1
1. GENERAL DESCRIPTION
The W742E/C813 (W742C813 is mask type, W742E813 is electrical erasable EPROM type) is a high-
performance 4-bit microcontroller (
µC) that built in 640-dot LCD driver. The device contains a 4-bit
ALU, two 8-bit timers, two dividers in dual-clock operation, a 40
× 16 LCD driver, ten 4-bit I/O ports
(including 2 output port for LED driving), multiple frequency output, and one channel DTMF generator.
There are also eleven interrupt sources and 16-level stack buffer. The W742E/C813 operates on very
low current and has three power reduction modes, hold mode, stop mode and slow mode, which help
to minimize power dissipation.
2. FEATURES
Operating voltage
− 2.4V – 5.5V for mask type
− 2.4V - 4.8V for electrical erasable EPROM type
Dual-clock operation
Main oscillator
− 3.58 MHz or 400 KHz can be selected by code option
− Crystal or RC oscillator can be selected by code option
Sub-oscillator
− Connect to 32.768 KHz crystal only
Memory
− 32768(32K) x 16 bit program ROM (including 64K x 4 bit look-up table)
− 5120(5K) x 4 bit data RAM (including 16 nibbles x 16 pages working registers)
− 40 x 16 LCD data RAM
40 input/output pins
− Port for input only: 3 ports/12 pins
− Input/output ports: 3 ports/12 pins
− High sink current output port for LED driving: 2 port /8 pins
− DC output port: 2 ports/ 8 pins (selected by code option)
Power-down mode
− Hold mode: no operation (main oscillator and sub-oscillator still operate)
− Stop mode: no operation (main oscillator and sub-oscillator are stopped)
− Slow mode: main oscillator is stopped, system is operated by the sub-oscillator (32.768 KHz)


Similar Part No. - W742C813

ManufacturerPart #DatasheetDescription
logo
Winbond
W742C810 WINBOND-W742C810 Datasheet
501Kb / 42P
   4-BIT MICROCONTROLLER
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742C814 WINBOND-W742C814 Datasheet
704Kb / 46P
   4 BIT MICROCONTROLLER
W742C816 WINBOND-W742C816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
W742C81A WINBOND-W742C81A Datasheet
567Kb / 45P
   4-BIT MICROCONTROLLER
More results

Similar Description - W742C813

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com