Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W523A015 Datasheet(PDF) 11 Page - Winbond

Part # W523A015
Description  HIGH FIDELITY POWER SPEECH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W523A015 Datasheet(HTML) 11 Page - Winbond

Back Button W523A015 Datasheet HTML 7Page - Winbond W523A015 Datasheet HTML 8Page - Winbond W523A015 Datasheet HTML 9Page - Winbond W523A015 Datasheet HTML 10Page - Winbond W523A015 Datasheet HTML 11Page - Winbond W523A015 Datasheet HTML 12Page - Winbond W523A015 Datasheet HTML 13Page - Winbond W523A015 Datasheet HTML 14Page - Winbond W523A015 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
W523AXXX
Publication Release Date: May 20, 2003
- 11 -
Revision A3
To place the W523Axxx in CPU mode, program the code according to the following example.
W523A015
CPU; Reserved word, used as a directive to notify the compiler for post processing.
LED1
FREQ2
POI:
LD MODE0,XX1XX0XXB ;bit2=0 BUSY
LD EN0, 0x00
H5+voice1+T5
END
34: ; Direct trigger or CPU interrupt.
H5+voice2+T5
END
The defaulted operating mode in W523Axxx is normal mode (or manual trigger mode), which is
identified by the "Normal" and "CPU" option control. To enter the CPU mode, the "CPU" declaration
must be inserted in the declaration region of program (*.out). In CPU mode, the bit MODE0.2, which is
defined as STPA or BUSY selection for the STPA/BUSY pin, will be selected as "0" (BUSY output)
automatically by the compiler unless otherwise specified explicitly by the STPA directive. The CPU,
STPA, and BUSY directives can appear only in the first paragraph of the *.out files so that the
compiler will automatically interpret them as Stop definitions in the POI interrupt vector. If these
directives are placed elsewhere, an error message will be issued during the compilation process.
In the program example shown above, the external
µC will transfer one byte data "34" to W523Axxx.
The number 34 (Decimal) is equal to 00100010b (Binary). The interface timing is shown below.
TG1
TG2
(Data)
(Clock)
010001
0
0
MSB
LSB
<1>
<2>
<3>
<4>
DEB
T
CRD
T
<1> When TG1 is pulled low, the W523Axxx stops playing voice or executing instruction and waits for data from
the external
µC.
<2> If TG1 is debounced OK, the W523Axxx will clear the CPU receiving buffer.
<3> 8-bit data are transferred by TG1 (Data) and TG2 (Clock). LSB is sent firstly.
<4> TG1 returns to high and starts the CPU interrupt service. In this case W523A015 will play the
H51+voice2+T51 sections and the STPA/BUSY pin is pulled high during the playing period.


Similar Part No. - W523A015

ManufacturerPart #DatasheetDescription
logo
Winbond
W5231 WINBOND-W5231 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5232 WINBOND-W5232 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5233 WINBOND-W5233 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5234 WINBOND-W5234 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W523M02 WINBOND-W523M02 Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
More results

Similar Description - W523A015

ManufacturerPart #DatasheetDescription
logo
Winbond
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com