Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6557A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6557A
Description  Multiphase PWM Controller for CORE Voltage Regulation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6557A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6557A Datasheet HTML 5Page - Renesas Technology Corp ISL6557A Datasheet HTML 6Page - Renesas Technology Corp ISL6557A Datasheet HTML 7Page - Renesas Technology Corp ISL6557A Datasheet HTML 8Page - Renesas Technology Corp ISL6557A Datasheet HTML 9Page - Renesas Technology Corp ISL6557A Datasheet HTML 10Page - Renesas Technology Corp ISL6557A Datasheet HTML 11Page - Renesas Technology Corp ISL6557A Datasheet HTML 12Page - Renesas Technology Corp ISL6557A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL6557A
FN9068 Rev 3.00
Page 9 of 18
July 2004
indefinitely as shown in Figure 6 as long as the controller is
enabled or until the overcurrent condition resolves.
VOLTAGE REGULATION
The ISL6557A uses a digital to analog converter (DAC) to gen-
erate a reference voltage based on the logic signals at pins
VID4 to VID0. The DAC decodes the a 5-bit logic signal (VID)
into one of the discrete voltages shown in Table 1. Each VID
input offers a 20
A pull up to 2.5V for use with open-drain out-
puts. External pull-up resistors or active-high output stages can
augment the pull-up current sources, but a slight accuracy error
can occur if they are pulled above 2.9V.
.
The DAC-selected reference voltage is connected to the non-
inverting input of the error amplifier, and the output of the differ-
ential remote-sense amplifier usually gets connected to the
error amplifier as shown in Figure 7. The remote-sense ampli-
fier eliminates voltage differences between local and remote
ground to provide a more accurate means of sensing output
voltage.
The integrating compensation network shown in Figure 7
assures that the steady-state error in the output voltage is
limited to the error in the reference voltage (output of the DAC)
plus offset errors in the remote-sense and error amplifiers.
Intersil specifies the guaranteed tolerance of the ISL6557A and
all Intersil controllers to include all variations in the amplifiers
and reference so that the output voltage remains within the
specified system tolerance.
0A
0V
5ms/DIV
OUTPUT VOLTAGE,
OUTPUT CURRENT, 20A/DIV
FIGURE 6. OVERCURRENT BEHAVIOR IN HICCUP MODE
500mV/DIV
FIGURE 7. OUTPUT-VOLTAGE AND LOAD-LINE
REGULATION
-
+
IAVG
REFERENCE
EXTERNAL CIRCUIT
ISL6557A INTERNAL CIRCUIT
COMP
CC
RC
RFB
FB
IOUT
VDIFF
VSEN
RGND
-
+
VDROOP
ERROR AMPLIFIER
-
+
VOUT
REMOTE
GROUND
DIFFERENTIAL
REMOTE-SENSE
AMPLIFIER
VOLTAGE
VCOMP
TABLE 1. VOLTAGE IDENTIFICATION CODES
VID4
VID3
VID2
VID1
VID0
VDAC
111
11
Off
111
10
0.800
111
01
0.825
111
00
0.850
110
11
0.875
110
10
0.900
110
01
0.925
110
00
0.950
101
11
0.975
101
10
1.000
101
01
1.025
101
00
1.050
100
11
1.075
100
10
1.100
100
01
1.125
100
00
1.150
011
11
1.175
011
10
1.200
011
01
1.225
011
00
1.250
010
11
1.275
010
10
1.300
010
01
1.325
010
00
1.350
001
11
1.375
001
10
1.400
001
01
1.425
001
00
1.450
000
11
1.475
000
10
1.500
000
01
1.525
000
00
1.550


Similar Part No. - ISL6557A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6557A INTERSIL-ISL6557A Datasheet
540Kb / 19P
   Multi-Phase PWM Controller for Core-Voltage Regulation
ISL6557ACB INTERSIL-ISL6557ACB Datasheet
540Kb / 19P
   Multi-Phase PWM Controller for Core-Voltage Regulation
ISL6557ACB-T INTERSIL-ISL6557ACB-T Datasheet
540Kb / 19P
   Multi-Phase PWM Controller for Core-Voltage Regulation
ISL6557ACBZ INTERSIL-ISL6557ACBZ Datasheet
540Kb / 19P
   Multi-Phase PWM Controller for Core-Voltage Regulation
ISL6557ACBZ-T INTERSIL-ISL6557ACBZ-T Datasheet
540Kb / 19P
   Multi-Phase PWM Controller for Core-Voltage Regulation
More results

Similar Description - ISL6557A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6557A INTERSIL-ISL6557A Datasheet
540Kb / 19P
   Multi-Phase PWM Controller for Core-Voltage Regulation
ISL6557 INTERSIL-ISL6557 Datasheet
532Kb / 17P
   Multi-Phase PWM Controller for Core-Voltage Regulation
logo
Renesas Technology Corp
ISL6557 RENESAS-ISL6557 Datasheet
982Kb / 17P
   Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
logo
Intersil Corporation
ISL6590 INTERSIL-ISL6590 Datasheet
1Mb / 24P
   Digital Multi-Phase PWM Controller for Core-Voltage Regulation
logo
Renesas Technology Corp
ISL9506 RENESAS-ISL9506 Datasheet
1Mb / 28P
   Multiphase PWM Controller with Programmable Output Voltage
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com