Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6559CB-T Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6559CB-T
Description  Multi-Phase PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6559CB-T Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6559CB-T Datasheet HTML 4Page - Renesas Technology Corp ISL6559CB-T Datasheet HTML 5Page - Renesas Technology Corp ISL6559CB-T Datasheet HTML 6Page - Renesas Technology Corp ISL6559CB-T Datasheet HTML 7Page - Renesas Technology Corp ISL6559CB-T Datasheet HTML 8Page - Renesas Technology Corp ISL6559CB-T Datasheet HTML 9Page - Renesas Technology Corp ISL6559CB-T Datasheet HTML 10Page - Renesas Technology Corp ISL6559CB-T Datasheet HTML 11Page - Renesas Technology Corp ISL6559CB-T Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL6559
FN9084 Rev 8.00
Page 8 of 21
December 29, 2004
across the RDS(ON) of the lower MOSFET while it is
conducting. The resulting current into the ISEN pin is
proportional to the channel current, IL. The ISEN current is
then sampled and held after sufficient settling time every
switching cycle. The sampled current, In, is used for
channel-current balance, load-line regulation, overcurrent
protection, and module current sharing. From Figure 3, the
following equation for In is derived:
where IL is the channel current.
If RDS(ON) sensing is not desired, an independent current-
sense resistor in series with the lower MOSFET source can
serve as a sense element. The circuitry shown in Figure 3
represents channel n of an N-channel converter. This
circuitry is repeated for each channel in the converter, but
may not be active depending upon the status of the PWM3
and PWM4 pins as described in the previous section.
Channel-Current Balance
The sampled current, In, from each active channel is used to
gauge both overall load current and the relative channel
current carried in each leg of the converter. The individual
sample currents are summed and divided by the number of
active channels. The resulting average current, IAVG,
provides a measure of the total load current demand on the
converter and the appropriate level of channel current. Using
Figures 3 and 4, the average current is defined as
where N is the number of active channels and IOUT is the
total load current.
The average current is then subtracted from the individual
channel sample currents. The resulting error current, IER, is
then filtered before it adjusts VCOMP. The modified VCOMP
signal is compared to a sawtooth ramp signal and produces
a pulse width which corrects for any unbalance and drives
the error current toward zero. Figure 4 illustrates Intersil’s
patented current-balance method as implemented on
channel-1 of a multi-phase converter.
Two considerations designers face are MOSFET selection
and inductor design. Both are significantly improved when
channel currents track at any load level. The need for
complex drive schemes for multiple MOSFETs, exotic
magnetic materials, and expensive heat sinks is avoided.
Resulting in a cost-effective and easy to implement solution
relative to single-phase conversion. Channel-current
balance insures the thermal advantage of multi-phase
conversion is realized. Heat dissipation is spread over
multiple channels and a greater area than single phase
approaches.
In some circumstances, it may be necessary to deliberately
design some channel-current unbalance into the system. In
a highly compact design, one or two channels may be able
to cool more effectively than the other(s) due to nearby air
flow or heat sinking components. The other channel(s) may
have more difficulty cooling with comparatively less air flow
and heat sinking. The hotter channels may also be located
close to other heat-generating components tending to drive
their temperature even higher. In these cases, the proper
selection of the current sense resistors (RISEN in Figure 3)
introduces channel current unbalance into the system.
Increasing the value of RISEN in the cooler channels and
decreasing it in the hotter channels moves all channels into
thermal balance at the expense of current balance.
Voltage Regulation
The output of the error amplifier, VCOMP, is compared to the
sawtooth waveform to modulate the pulse width of the PWM
signals. The PWM signals control the timing of the Intersil
MOSFET drivers and regulate the converter output to the
specified reference voltage. Three distinct inputs to the error
amplifier determine the voltage level of VCOMP. The internal
and external circuitry which control voltage regulation is
illustrated in Figure 5.
In
IL
rDS ON

RISEN
----------------------
=
(EQ. 3)
FIGURE 3. INTERNAL AND EXTERNAL CURRENT-SENSING
CIRCUITRY
In
ISEN IL
rDS ON

RISEN
--------------------------
=
-
+
ISEN(n)
RISEN
SAMPLE
&
HOLD
ISL6559 INTERNAL CIRCUIT
EXTERNAL CIRCUIT
VIN
CHANNEL N
UPPER MOSFET
CHANNEL N
LOWER MOSFET
-
+
IL rDS ON

IL
FIGURE 4. CHANNEL-1 PWM FUNCTION AND CURRENT-
BALANCE ADJUSTMENT
N
IAVG
I4 *
I3 *
I2
-
+
+
-
+
-
f(j
)
PWM1
I1
VCOMP
SAWTOOTH SIGNAL
IER
NOTE: *CHANNELS 3 and 4 are OPTIONAL.
(EQ. 4)
IAVG
I1 I2 IN
++
N
----------------------------------
=
IAVG
IOUT
N
-------------
rDS ON

RISEN
----------------------
=


Similar Part No. - ISL6559CB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6559CB-T INTERSIL-ISL6559CB-T Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6559CB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com