Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6564CR Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6564CR
Description  Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6564CR Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6564CR Datasheet HTML 7Page - Renesas Technology Corp ISL6564CR Datasheet HTML 8Page - Renesas Technology Corp ISL6564CR Datasheet HTML 9Page - Renesas Technology Corp ISL6564CR Datasheet HTML 10Page - Renesas Technology Corp ISL6564CR Datasheet HTML 11Page - Renesas Technology Corp ISL6564CR Datasheet HTML 12Page - Renesas Technology Corp ISL6564CR Datasheet HTML 13Page - Renesas Technology Corp ISL6564CR Datasheet HTML 14Page - Renesas Technology Corp ISL6564CR Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ISL6564
FN9156 Rev 2.00
Page 11 of 28
Dec 27, 2004
PGOOD
PGOOD is used as an indication of the end of soft-start per
the microprocessor specification. It is an open-drain logic
output that is low impedance until the soft-start is completed.
It will be pulled low again once the undervoltage point is
reached.
OFS
The OFS pin provides a means to program a dc offset
current for generating a dc offset voltage at the REF input.
The offset current is generated via an external resistor and
precision internal voltage references. The polarity of the
offset is selected by connecting the resistor to GND or VCC.
For no offset, the OFS pin should be left unterminated.
OVP
Overvoltage protection pin. This pin pulls to VCC and is
latched when an overvoltage condition is detected. Connect
this pin to the gate of an SCR or MOSFET tied from VIN or
VOUT to ground to prevent damage to the load. This pin may
be pulled above VCC as high as 15V to ground with an
external resistor. However, it is only capable of pulling low
when VCC is above 2V.
DRVEN
Driver enable pin. This pin can be used to enable the drivers
which have enable pins such as ISL6605 or ISL6608. If
ISL6564 is used with Intersil ISL6612 drivers, it’s not
necessary to use this pin.
IDROOP and IOUT
IDROOP and IOUT are the output pins of sensed average
channel current which is proportional to load current. They
are designed for flexible application purposes.
In the application which does not require loadline, leave
IDROOP pin open. In the application which requires load
line, connect IDROOP pin to FB so that the sensed average
current will flow through the resistor between FB and VDIFF
to create a voltage drop which is proportional to load current.
IOUT is typically used for load current indication.
Operation
Multi-Phase Power Conversion
Microprocessor load current profiles have changed to the
point that the advantages of multi-phase power conversion
are impossible to ignore. The technical challenges
associated with producing a single-phase converter which is
both cost-effective and thermally viable have forced a
change to the cost-saving approach of multi-phase. The
ISL6564 controller helps reduce the complexity of
implementation by integrating vital functions and requiring
minimal output components. The block diagrams on pages
3, 4, 5 and 6 provide top level views of multi-phase power
conversion using the ISL6564 controller.
Interleaving
The switching of each channel in a multi-phase converter is
timed to be symmetrically out of phase with each of the other
channels. In a 3-phase converter, each channel switches 1/3
cycle after the previous channel and 1/3 cycle before the
following channel. As a result, the three-phase converter has
a combined ripple frequency three times greater than the
ripple frequency of any one phase. In addition, the peak-to-
peak amplitude of the combined inductor currents is reduced
in proportion to the number of phases (Equations 1 and 2).
Increased ripple frequency and lower ripple amplitude mean
that the designer can use less per-channel inductance and
lower total output capacitance for any performance
specification.
Figure 1 illustrates the multiplicative effect on output ripple
frequency. The three channel currents (IL1, IL2, and IL3)
combine to form the AC ripple current and the DC load
current. The ripple component has three times the ripple
frequency of each individual channel current. Each PWM
pulse is terminated 1/3 of a cycle after the PWM pulse of the
previous phase. The peak-to-peak current for each phase is
about 7A, and the dc components of the inductor currents
combine to feed the load.
To understand the reduction of ripple current amplitude in the
multi-phase circuit, examine the equation representing an
individual channel’s peak-to-peak inductor current.
In Equation 1, VIN and VOUT are the input and output
voltages respectively, L is the single-channel inductor value,
and fS is the switching frequency.
FIGURE 1. PWM AND INDUCTOR-CURRENT WAVEFORMS
FOR 3-PHASE CONVERTER
1µs/DIV
PWM2, 5V/DIV
PWM1, 5V/DIV
IL2, 7A/DIV
IL1, 7A/DIV
IL1 + IL2 + IL3, 7A/DIV
IL3, 7A/DIV
PWM3, 5V/DIV
IPP
VIN VOUT
 V
OUT
LfS VIN
------------------------------------------------------
=
(EQ. 1)


Similar Part No. - ISL6564CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6564CR INTERSIL-ISL6564CR Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6564CR-T INTERSIL-ISL6564CR-T Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6564CRZ INTERSIL-ISL6564CRZ Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6564CRZ-T INTERSIL-ISL6564CRZ-T Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results

Similar Description - ISL6564CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564A RENESAS-ISL6564A Datasheet
1Mb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6326B INTERSIL-ISL6326B Datasheet
548Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com