Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6564IR Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6564IR
Description  Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6564IR Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6564IR Datasheet HTML 6Page - Renesas Technology Corp ISL6564IR Datasheet HTML 7Page - Renesas Technology Corp ISL6564IR Datasheet HTML 8Page - Renesas Technology Corp ISL6564IR Datasheet HTML 9Page - Renesas Technology Corp ISL6564IR Datasheet HTML 10Page - Renesas Technology Corp ISL6564IR Datasheet HTML 11Page - Renesas Technology Corp ISL6564IR Datasheet HTML 12Page - Renesas Technology Corp ISL6564IR Datasheet HTML 13Page - Renesas Technology Corp ISL6564IR Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISL6564
FN9156 Rev 2.00
Page 10 of 28
Dec 27, 2004
Functional Pin Description
VCC
Supplies all the power necessary to operate the chip. The
controller starts to operate when the voltage on this pin
exceeds the rising POR threshold and shuts down when the
voltage on this pin drops below the falling POR threshold.
Connect this pin directly to a +5V supply or through a series
300
 resistor to a +12V supply.
GND
Bias and reference ground for the IC.
EN
This pin is a threshold-sensitive enable input for the
controller. Connecting the 12V supply to EN through an
appropriate resistor divider provides a means to synchronize
power-up of the controller and the MOSFET driver ICs.
When EN is driven above 1.29V, the ISL6564 is active
depending on status of ENLL, the internal POR, and pending
fault states. Driving EN below 1.16V will clear all fault states
and prime the ISL6564 to soft-start when re-enabled.
ENLL
This pin is a logic-level enable input for the controller. When
asserted to a logic high, the ISL6564 is active depending on
status of EN, the internal POR, VID inputs and pending fault
states. Deasserting ENLL will clear all fault states and prime
the ISL6564 to soft-start when re-enabled.
When floating, ENLL pin will be pulled to high internally with
a typical voltage as 1.15V.
FS
A resistor, RT, placed from FS to ground will set the
switching frequency. There is an inverse relationship
between the value of the resistor and the switching
frequency. See Figure 15 and Equation 29.
VID5, VID4, VID3, VID2, VID1, and VID0
These are the inputs to the internal DAC that provides the
reference voltage for output regulation. Connect these pins
either to open-drain outputs with or without external pull-up
resistors or to active-pull-up outputs. VID5-VID0 have 45µA
internal pull-up current sources that diminish to zero as the
voltage rises above the logic-high level. These inputs can be
pulled up as high as VCC plus 0.3V.
VDIFF, VSEN, and RGND
VSEN and RGND form the precision differential remote-
sense amplifier. This amplifier converts the differential
voltage of the remote output to a single-ended voltage
referenced to local ground. VDIFF is the amplifier’s output
and the input to the regulation and protection circuitry.
Connect VSEN and RGND to the sense pins of the remote
load.
FB and COMP
Inverting input and output of the error amplifier, respectively.
FB is connected to VDIFF through a resistor. A negative
current, proportional to output current is present on the FB
pin. A properly sized resistor between VDIFF and FB sets
the load line (droop). The droop scale factor is set by the
ratio of the ISEN resistors and the lower MOSFET rDS(ON).
COMP is tied back to FB through an external R-C network
with no DC connection to compensate the regulator.
DAC and REF
The DAC output pin is the output of the precision internal
DAC reference. The REF input pin is the positive input of the
Error Amp. In typical applications, a 1k
, 1% resistor is used
between DAC and REF to generate a precise offset voltage.
This voltage is proportional to the offset current determined
by the offset resistor from OFS to ground or VCC. A
capacitor is used between REF and ground to smooth the
voltage transition during Dynamic VID™ operations.
PWM1, PWM2, PWM3, PWM4
Pulse-width modulation outputs. Connect these pins to the
PWM input pins of the Intersil driver IC. The number of
active channels is determined by the state of PWM3 and
PWM4. Leave PWM4 unconnected and tie PWM3 to VCC to
configure for 2-phase operation. Tie PWM4 to VCC to
configure for 3-phase operation. Tie both PWM4 and PWM3
to high for 1-phase operation.
ISEN1+, ISEN1-; ISEN2+, ISEN2-; ISEN3+, ISEN3-;
ISEN4+, ISEN4-
The ISEN+ and ISEN- pins are current sense inputs to
individual differential amplifiers. The sensed current is used
as a reference for channel balancing, protection, and
regulation. Inactive channels should have their respective
sense inputs left open (for example, for 3-phase operation
open ISEN4+).
For DCR sensing, connect each ISEN- pin to the node
between the RC sense elements. Tie the ISEN+ pin to the
other end of the sense capacitor through a resistor, RISEN.
The voltage across the sense capacitor is proportional to the
inductor current. The sensed current is proportional to the
output current, and scaled by the DCR of the inductor,
divided by RISEN.
When configured for rDS(ON) current sensing, the ISEN1-,
ISEN2-, ISEN3-, and ISEN4- pins are grounded at the lower
MOSFET sources. The ISEN1+, ISEN2+, ISEN3+, and
ISEN4+ pins are then held at a virtual ground, such that a
resistor connected between them, and the drain terminal of
the associated lower MOSFET, will carry a current
proportional to the current flowing through that channel. The
current is determined by the negative voltage developed
across the lower MOSFET’s rDS(ON), which is the channel
current scaled by rDS(ON).


Similar Part No. - ISL6564IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6564IR INTERSIL-ISL6564IR Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6564IR-T INTERSIL-ISL6564IR-T Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6564IRZ INTERSIL-ISL6564IRZ Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6564IRZ-T INTERSIL-ISL6564IRZ-T Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results

Similar Description - ISL6564IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564A RENESAS-ISL6564A Datasheet
1Mb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6326B INTERSIL-ISL6326B Datasheet
548Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com