Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6564AIRZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6564AIRZ
Description  Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6564AIRZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6564AIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6564AIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6564AIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6564AIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6564AIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6564AIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6564AIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6564AIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6564AIRZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL6564A
FN6285 Rev 1.00
Page 8 of 28
March 20, 2007
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.5V
Input and Output Voltage (except OVP). . GND -0.3V to VCC + 0.3V
OVP Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V
ESD (Human body model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>4kV
ESD (Machine model) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V
ESD (Charged device model) . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
Operating Conditions
Supply Voltage, VCC (5V bias mode, Note 3) . . . . . . . . . . +5V ±5%
Ambient Temperature (ISL6564ACRZ) . . . . . . . . . . . . 0°C to +70°C
Ambient Temperature (ISL6564AIRZ) . . . . . . . . . . . .-40°C to +85°C
Thermal Information
Thermal Resistance
JA (°C/W) JC (°C/W)
QFN Package (Notes 1, 2). . . . . . . . . .
32
3.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . - 65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Operating Conditions: VCC = 5V or ICC < 25mA (Note 3). Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN = 5VDC; RT = 100k
ISEN1 = ISEN2 = ISEN3 = ISEN4 = -70
A
-14
18
mA
Shutdown Supply
VCC = 5VDC; EN = 0VDC; RT = 100k
-10
14
mA
POWER-ON RESET AND ENABLE
POR Threshold
VCC rising
4.20
4.31
4.50
V
VCC falling
3.60
3.80
4.00
V
ENABLE Threshold
EN rising
1.26
1.29
1.32
V
Hysteresis
110
125
135
mV
Fault reset
1.12
1.16
1.20
V
ENLL Input Logic Low Level
--
0.4
V
ENLL input Logic High Level
0.8
-
-
V
ENLL Leakage Current
ENLL = 5V
-
-
1
A
REFERENCE VOLTAGE AND DAC
System Accuracy (VID = 1.V-1.3V)
(Note 4)
-0.5
-
0.5
%VID
System Accuracy (VID = 0.525V-0.9875V) (Note 4)
-0.9
-
0.9
%VID
VID Pull-Up
-55
-45
-35
A
VID Input Low Level
--
0.4
V
VID Input High Level
0.8
-
-
V
DAC Source/Sink Current
VID = 010100
-200
-
200
A
VID Input Voltage when Floated
1.0
1.15
1.30
V
REF Source/Sink Current
-50
-
50
A
PIN-ADJUSTABLE OFFSET
Voltage at OFS Pin
Offset resistor connected to ground
388
400
412
mV
VCC = 5.000V, offset resistor connected to VCC
2.91
3.0
3.09
V
Maximum OFS Source and Sink Current
--
50
A


Similar Part No. - ISL6564AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6564AIRZ INTERSIL-ISL6564AIRZ Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results

Similar Description - ISL6564AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6307B INTERSIL-ISL6307B Datasheet
968Kb / 33P
   6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications
ISL6307A INTERSIL-ISL6307A Datasheet
975Kb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com