Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE0204 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XE0204
Description  2-Wire/4-Wire Telephone Line Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE0204 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XE0204 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE0204 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE0204 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE0204 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE0204 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE0204 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE0204 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE0204 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
XECOM
(1)
XE0204
XE0204
July 2000
2-Wire/4-Wire Telephone Line Interface
Description
The XE0204 provides a common telephone interface
for networks integrating two and four-wire telephone
connections. The XE0204 supplies two and four wire
leased line connections, and complies with FCC Part
68 Rules for 2-wire connections to the public switched
network.
The XE0204 supports voice, data and fax transfer at
speeds to 14,400 Bits Per Second, V.32bis data transfer
over two wires and V.33 data transfer over four wires.
The XE0204 is a complete DAA in a compact package.
It includes the telephone line transformers, loop current
holding circuit, ring detection, switch hook, two-to-four
wire convertor and four-wire switch. The small size of
the XE0204, just 1.5 square inches, allows the XE0204
to be used in most any application requiring connection
to the telephone network.
Features
* Small Size 0 1.5” x 1.08” 0.42”
* FCC Part 68 Compliant
* Integral Ring Detection
* Integrated Switch Hook
* Switchable between two-wire and four-wire lines
* Integral two-to-four wire convertor
* Integrated telephone line transformers
* 1500 volt isolation barrier between the telephone line
and host equipment
* Supports both dial-up and leased line applications
* Supports 14,400 BPS data transfer; V.32bis (2-wire),
V.33 (4-wire)
* Operates on a single +5 Volt supply
* Standard Operating Temperature Range 0C to 70C
Optional operating range, -40C to 85C available
XE0204 Block Diagram
2 to 4 Wire
Convertor
XMIT
RCVR
Telephone
Line
Transformer
Loop
Current
Holding
Circuit
Tx Tip
Tx Ring
Hook
Switch
OH
Ring
Detect
/RI
Rx Tip
Rx Ring
4 Wire
Switch
Telephone
Line
Transformer
/4Wire


Similar Part No. - XE0204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0002B ETC-XE0002B Datasheet
161Kb / 8P
   DAA with 2/4 Wire Hybrid
XE0002D ETC1-XE0002D Datasheet
53Kb / 7P
   Modular DAA with 2/4 Wire Convertor
XE0017 ETC-XE0017 Datasheet
28Kb / 6P
   Low-Profile, V.34 Compatible Telephone Line Interface
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
XE0020C ETC-XE0020C Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
More results

Similar Description - XE0204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0052S1 ETC2-XE0052S1 Datasheet
31Kb / 7P
   Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
XE0052S ETC1-XE0052S Datasheet
32Kb / 7P
   Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
TE Connectivity Ltd
408-10445 TEC-408-10445 Datasheet
57Kb / 1P
   4-Wire Interface
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
Maxim Integrated Produc...
MAXSMBUS MAXIM-MAXSMBUS Datasheet
219Kb / 8P
   2-Wire Interface Board
Rev 1; 2/00
logo
RICOH electronics devic...
RX5C348A RICOH-RX5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
RS5C348A-E2-F RICOH-RS5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
RV5C348A-E2-F RICOH-RV5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
R2043K RICOH-R2043K Datasheet
468Kb / 48P
   4-wire Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com