Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6565ACVZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6565ACVZ
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6565ACVZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6565ACVZ Datasheet HTML 4Page - Renesas Technology Corp ISL6565ACVZ Datasheet HTML 5Page - Renesas Technology Corp ISL6565ACVZ Datasheet HTML 6Page - Renesas Technology Corp ISL6565ACVZ Datasheet HTML 7Page - Renesas Technology Corp ISL6565ACVZ Datasheet HTML 8Page - Renesas Technology Corp ISL6565ACVZ Datasheet HTML 9Page - Renesas Technology Corp ISL6565ACVZ Datasheet HTML 10Page - Renesas Technology Corp ISL6565ACVZ Datasheet HTML 11Page - Renesas Technology Corp ISL6565ACVZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL6565A, ISL6565B
FN9135 Rev 4.00
Page 8 of 28
Dec 1, 2005
OSCILLATOR
Accuracy
RT = 100k
-10
-
10
%
Adjustment Range
0.08
-
1.5
MHz
Sawtooth Amplitude
-1.5
-
V
Max Duty Cycle
-
66.7
-
%
ERROR AMPLIFIER
Open-Loop Gain (Note 7)
RL = 10k to ground
-
80
-
dB
Open-Loop Bandwidth (Note 7)
CL = 100pF, RL = 10k to ground
-
18
-
MHz
Slew Rate
CL = 100pF
4.5
6.0
7.5
V/
s
Maximum Output Voltage
4.0
4.3
-
V
Output High Voltage @ 2mA
3.7
-
-
V
Output Low Voltage @ 2mA
-
-
1.35
V
REMOTE-SENSE AMPLIFIER
Bandwidth (Note 7)
-20
-
MHz
Output High Current
VSEN - RGND = 2.5V
-500
-
500
A
Output High Current
VSEN - RGND = 0.6
-500
-
500
A
PWM OUTPUT
PWM Output Voltage LOW Threshold
Iload = ±500
A-
-
0.3
V
PWM Output Voltage HIGH Threshold
Iload = ±500
A4.3
-
-
V
TEMPERATURE COMPENSATION
Temperature Compensation Current @ 40°C and
Tcomp = 0.5V
10
15
20
A
Temperature Compensation Transconductance (Note 7)
-
2
-
A/V°C
SENSE CURRENT
Sensed Current Tolerance
ISEN1 = ISEN2 = ISEN3 = 80
A, 0°C to 105°C
74
81
91
A
Overcurrent Trip Level
95
110
130
A
POWER GOOD AND PROTECTION MONITORS
PGOOD Low Voltage
IPGOOD = 4mA
-
-
0.4
V
Undervoltage Offset From VID
VSEN Falling
72
74
76
%VID
Overvoltage Threshold
Voltage above VID, After Soft-Start (Note 6)
180
200
220
mV
Before Enable
-
1.63
-
V
VCC < POR Threshold
1.7
1.8
1.87
V
Overvoltage Reset Voltage
VCC
 POR Threshold, VSEN Falling
-
0.6
-
V
VCC < POR Threshold
-
1.5
-
V
OVP Drive Voltage
IOVP = -100mA, VCC = 5V
-
1.9
-
V
Minimum VCC for OVP
1.4
-
-
V
NOTES:
4. When using the internal shunt regulator, VCC is clamped to 6.02V (max). Current must be limited to 25mA or less.
5. These parts are designed and adjusted for accuracy with all errors in the voltage loop included.
6. During soft-start, VDAC rises from 0 to VID. The overvoltage trip level is the higher of 1.7V and VDAC + 0.2V.
7. Parameter magnitude guaranteed by design. Not 100% tested.
Electrical Specifications
Operating Conditions: VCC = 5V or ICC < 25mA (Note 4), TJ = 0°C to 105°C.
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - ISL6565ACVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6565ACVZ INTERSIL-ISL6565ACVZ Datasheet
722Kb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
More results

Similar Description - ISL6565ACVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
   Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com