Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W523A060 Datasheet(PDF) 2 Page - Winbond

Part # W523A060
Description  HIGH FIDELITY POWER SPEECH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W523A060 Datasheet(HTML) 2 Page - Winbond

  W523A060 Datasheet HTML 1Page - Winbond W523A060 Datasheet HTML 2Page - Winbond W523A060 Datasheet HTML 3Page - Winbond W523A060 Datasheet HTML 4Page - Winbond W523A060 Datasheet HTML 5Page - Winbond W523A060 Datasheet HTML 6Page - Winbond W523A060 Datasheet HTML 7Page - Winbond W523A060 Datasheet HTML 8Page - Winbond W523A060 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
W523AXXX
- 2 -
1. GENERAL DESCRIPTION
The W523Axxx family are programmable speech synthesis ICs that utilize Winbond
′s new high fidelity
voice synthesis algorithm to generate all types of voice effects with high sound quality.
The W523Axxx’s LOAD, JUMP, MOVE and INC commands and ten programmable registers provide
powerful user-programmable functions that make this chip suitable for an extremely wide range of
speech IC applications.
The W523Axxx family includes 14 kinds of part numbers with same function except for the voice
duration shown below:
PART NO.
W523A008
W523A010
W523A012
W523A015
W523A020
W523A025
W523A030
Duration
8 sec.
10 sec.
12 sec.
15 sec.
20 sec.
25 sec.
30 sec.
PART NO.
W523A040
W523A050
W523A060
W523A070
W523A080
W523A100
W523A120
Duration
40 sec.
50 sec.
60 sec.
70 sec.
80 sec.
100 sec.
120 sec.
Note: The voice duration is estimated by various sampling rate.
2. FEATURES
Operating voltage range: 2.4 – 5.5 volts
New high fidelity synthesis algorithm
Either PWM mode or D/A converter mode can be selected for AUD output
Provides 4 direct trigger inputs that can easily be extended to 24 matrix trigger inputs
Two trigger input debounce times (50 mS or 400 uS) can be set
Provides up to 2 LEDs and 5 STOP outputs
Flexible functions programmable through the following:
− LD (Load), JP (Jump), MV (Move) and INC (Increase) commands
− Four general purpose registers: R0, R1, R2 and R3
− Six special purpose registers: EN0, EN1 (excludes W523A008 and W523A010), MODE0,
MODE1, STOP and PAGE
− Conditional instructions: @LAST, @TGn_HIGH or LOW, where, n = 1,2,5 or 6 for W523A012 ~
W523A120; n=1,2,3 or 4 for W523A008 and W523A010
− Speech equations
− END instruction
Supports CPU interface operation
Symbolic compiler supported
Instruction cycle
≤ 400 µS typically
Section control for
− Variable frequency: 4.8/6/8/12 KHz
− LED: ON/OFF
• Up to 256 voice groups can be used in single page mode; or extended to 2,048 voice groups in
multi page mode, such as 8-page, 16-page and 32-page.


Similar Part No. - W523A060

ManufacturerPart #DatasheetDescription
logo
Winbond
W5231 WINBOND-W5231 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5232 WINBOND-W5232 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5233 WINBOND-W5233 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5234 WINBOND-W5234 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W523M02 WINBOND-W523M02 Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
More results

Similar Description - W523A060

ManufacturerPart #DatasheetDescription
logo
Winbond
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
logo
Winbond
W523SXX WINBOND-W523SXX Datasheet
92Kb / 14P
   HIGH FIDELITY PowerSpeech-TM
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com