Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6720A Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6720A
Description  100V Triple Linear Bias Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6720A Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6720A Datasheet HTML 3Page - Renesas Technology Corp ISL6720A Datasheet HTML 4Page - Renesas Technology Corp ISL6720A Datasheet HTML 5Page - Renesas Technology Corp ISL6720A Datasheet HTML 6Page - Renesas Technology Corp ISL6720A Datasheet HTML 7Page - Renesas Technology Corp ISL6720A Datasheet HTML 8Page - Renesas Technology Corp ISL6720A Datasheet HTML 9Page - Renesas Technology Corp ISL6720A Datasheet HTML 10Page - Renesas Technology Corp ISL6720A Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ISL6720A
FN6487 Rev.1.00
Page 11 of 11
August 23, 2007
Package Outline Drawing
L11.4x4
11 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 6/07
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
BOTTOM VIEW
SIDE VIEW
4.00
1.58
0.15
( 3.75 )
(4X)
( 11 X 0 . 25 )
( 8 X 0 . 5 )
0 .9 ± 0.1mm
BASE PLANE
C
SEATING PLANE
0.08
C
0.10
C
0.25
SEE DETAIL "X"
0.10
4
CA
MB
INDEX AREA
6
PIN 1
4.00
A
B
PIN #1 INDEX AREA
0.50
2X 2.5
8X
6
( 11 X 0.65 )
0 . 00 MIN.
0 . 05 MAX.
C
0 . 2 REF
11X 0 . 45 ± 0 . 1
1.0
2.80
( 1.58 )
( 2.80 )
0.05 M C
6
5
11
1


Similar Part No. - ISL6720A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720A INTERSIL-ISL6720A Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
ISL6720A INTERSIL-ISL6720A Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL6720A INTERSIL-ISL6720A Datasheet
221Kb / 11P
   100V Triple Linear Bias Supply
August 23, 2007
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
   100V Triple Linear Bias Supply
August 23, 2007
More results

Similar Description - ISL6720A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
   100V Triple Linear Bias Supply
August 23, 2007
ISL6720A INTERSIL-ISL6720A Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
logo
Renesas Technology Corp
ISL6719 RENESAS-ISL6719 Datasheet
492Kb / 9P
   100V Linear Bias Supply
logo
Intersil Corporation
ISL6719 INTERSIL-ISL6719 Datasheet
177Kb / 9P
   100V Linear Bias Supply
ISL6719ARZ INTERSIL-ISL6719ARZ Datasheet
304Kb / 9P
   100V Linear Bias Supply
July 15, 2014
logo
Texas Instruments
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
[Old version datasheet]   LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
logo
Maxim Integrated Produc...
MAX1916 MAXIM-MAX1916 Datasheet
211Kb / 7P
   Low-Dropout, Constant-Current Triple White LED Bias Supply
logo
Monolithic Power System...
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
   Triple Output Step-Up Plus Linear Regulators for TFT Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com