Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6720AARZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6720AARZ
Description  100V Triple Linear Bias Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6720AARZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6720AARZ Datasheet HTML 3Page - Renesas Technology Corp ISL6720AARZ Datasheet HTML 4Page - Renesas Technology Corp ISL6720AARZ Datasheet HTML 5Page - Renesas Technology Corp ISL6720AARZ Datasheet HTML 6Page - Renesas Technology Corp ISL6720AARZ Datasheet HTML 7Page - Renesas Technology Corp ISL6720AARZ Datasheet HTML 8Page - Renesas Technology Corp ISL6720AARZ Datasheet HTML 9Page - Renesas Technology Corp ISL6720AARZ Datasheet HTML 10Page - Renesas Technology Corp ISL6720AARZ Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL6720A
FN6487 Rev.1.00
Page 7 of 11
August 23, 2007
Pin Descriptions
VPWR - VPWR is the primary power connection for the IC.
The under voltage lockout (UVLO) feature of VPWR
enables/disables all outputs even if VIO is externally biased.
To optimize noise immunity, bypass VPWR to GND with a
ceramic capacitor as close to the VPWR and GND pins as
possible.
VCONT - A 25mA continuous output that derives its source
voltage from either VIO (when enabled and sufficient) or
VPWR (when VIO is not available). VCONT sequences on
before VIO and VSW by approximately 250
s.
The over-temperature protection feature protects VCONT at
a higher temperature than VIO and VSW. This ensures VIO
and VSW shutdown at a lower temperature and allows
VCONT to remain on.
VCOMP - A 1000pF compensating capacitor is placed
between VCOMP and VCONT to stabilize the control loop.
This value may vary depending on the output load and
capacitance applied between VCONT and GND.
VIO - This is the unswitched low voltage output supply. It
may be used as is, or may be back-biased by an auxiliary
power source such as a transformer winding. VIO should be
bypassed to GND with a 0.1
F capacitor. Although a
minimum capacitance is not required, it does provide the
source voltage bypass for VSW and VCONT when VIO is
capable of supporting those outputs. Smaller values of
capacitance will result in larger disturbances during load
transients. Its output is adjustable from 0V to 20.0V using a
reference on VADJ, such as a zener diode and bias resistor.
VIO may be soft-started with a capacitance to ground from
VADJ.
VADJ - The feedback adjustment pin for VIO. An external
reference on VADJ sets the voltage on VIO. The reference
may be a resistor/zener diode combination from VPWR.
VADJ has a discharge device that activates momentarily
during power-up and power-down sequences to allow VIO to
be soft started.
GND - Signal and power ground connections for this device.
Typical Performance Curves
FIGURE 1. VADJ - VIO vs IVIO @ VPWR = 25V, +25°C
FIGURE 2. VADJ - VIO vs IVIO @ VADJ = 15V, +25°C
FIGURE 3. VCONT REGULATION vs TEMPERATURE
FIGURE 4. VSW REGULATION vs TEMPERATURE
0
10
20
30
40
50
60
70
80
90
100
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VIO LOAD (mA)
VADJ = 15V
VADJ = 10V
VADJ = 20V
0
10
20
30
40
50
60
70
80
90
100
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VIO LOAD (mA)
VPWR = 48V
VPWR = 20V
VPWR = 80V
-40
-25
-10
5
20
35
50
65
80
95
110
0.997
0.998
0.999
1.000
1.001
TEMPERATURE (°C)
-40
-25
-10
5
20
35
50
65
80
95
110
0.998
0.999
1.000
1.001
1.002
TEMPERATURE (°C)
VSW = 5.0V
VSW = 3.3V
VSW = 20V
VSW = 12V


Similar Part No. - ISL6720AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
   100V Triple Linear Bias Supply
August 23, 2007
More results

Similar Description - ISL6720AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
   100V Triple Linear Bias Supply
August 23, 2007
ISL6720A INTERSIL-ISL6720A Datasheet
224Kb / 11P
   100V Triple Linear Bias Supply
logo
Renesas Technology Corp
ISL6719 RENESAS-ISL6719 Datasheet
492Kb / 9P
   100V Linear Bias Supply
logo
Intersil Corporation
ISL6719 INTERSIL-ISL6719 Datasheet
177Kb / 9P
   100V Linear Bias Supply
ISL6719ARZ INTERSIL-ISL6719ARZ Datasheet
304Kb / 9P
   100V Linear Bias Supply
July 15, 2014
logo
Texas Instruments
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
[Old version datasheet]   LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
logo
Maxim Integrated Produc...
MAX1916 MAXIM-MAX1916 Datasheet
211Kb / 7P
   Low-Dropout, Constant-Current Triple White LED Bias Supply
logo
Monolithic Power System...
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
   Triple Output Step-Up Plus Linear Regulators for TFT Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com