Electronic Components Datasheet Search |
|
ISL9000IRMGZ Datasheet(PDF) 8 Page - Renesas Technology Corp |
|
ISL9000IRMGZ Datasheet(HTML) 8 Page - Renesas Technology Corp |
8 / 11 page ISL9000 FN9217 Rev 4.00 Page 8 of 11 March 11, 2008 Pin Description Typical Application PIN NUMBER PIN NAME TYPE DESCRIPTION 1 VIN Analog I/O Supply Voltage/LDO Input: Connect a 1µF capacitor to GND. 2 EN1 Low Voltage Compatible CMOS Input LDO-1 Enable. 3 EN2 Low Voltage Compatible CMOS Input LDO-2 Enable. 4 CBYP Analog I/O Reference Bypass Capacitor Pin: Optionally connect capacitor of value 0.01µF to 1µF between this pin and GND to tune in the desired noise and PSRR performance. 5 CPOR Analog I/O POR2 Delay Setting Capacitor Pin: Connect a capacitor between this pin and GND to delay the POR2 output release after LDO-2 output reaches 94% of its specified voltage level. (200ms delay per 0.01µF). 6 GND Ground GND is the connection to system ground. Connect to PCB Ground plane. 7POR1 Open Drain Output (1mA) Open-drain POR Output for LDO-1 (active-low): Internally connected to VO1 through 100k resistor. 8POR2 Open Drain Output (1mA) Open-drain POR Output for LDO-2 (active-low): Internally connected to VO2 through 100k resistor. 9VO2 Analog I/O LDO-2 Output: Connect capacitor of value 1µF to 10µF to GND (1µF recommended). 10 VO1 Analog I/O LDO-1 Output: Connect capacitor of value 1µF to 10µF to GND (1µF recommended). C1, C4, C5: 1µF X5R ceramic capacitor C2: 0.1µF X7R ceramic capacitor ISL9000 VIN EN1 EN2 CBYP CPOR VO1 VO2 POR2 POR1 GND 10 9 8 7 6 1 2 3 4 5 VIN (2.3 TO 6.5V) ENABLE1 ENABLE2 VOUT 1 VOUT 2 RESET 1 RESET 2 C1 C2 C3 C4 C5 C3: 0.01µF X7R ceramic capacitor OFF ON OFF ON (200ms delay, C3 = 0.01µF) (2ms delay) VOUT 2 TOO LOW VOUT 2 OK VOUT 1 TOO LOW VOUT 1 OK |
Similar Part No. - ISL9000IRMGZ |
|
Similar Description - ISL9000IRMGZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |