Electronic Components Datasheet Search |
|
ISL9001IRCZ-T Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
ISL9001IRCZ-T Datasheet(HTML) 3 Page - Renesas Technology Corp |
3 / 11 page ISL9001 FN9231 Rev 2.00 Page 3 of 11 March 28, 2008 Absolute Maximum Ratings Thermal Information Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.1V VO Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.6V All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN+0.3)V ESD Rating Human Body Model (Per MIL-STD-883 Method 3015.7) . . .2500V Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .200V Recommended Operating Conditions Ambient Temperature Range (TA) . . . . . . . . . . . . . . .-40°C to +85°C Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 6.5V Thermal Resistance (Notes 4, 5) JA (°C/W) JC (°C/W) 8 Ld 2x3 DFN Package . . . . . . . . . . . . 69 10 Junction Temperature Range . . . . . . . . . . . . . . . . .-40°C to +125°C Operating Temperature Range . . . . . . . . . . . . . . . . .-40°C to +85°C Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 5. For JC, the “case temp” location is the center of the exposed metal pad on the package underside. Electrical Specifications Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature range of the device as follows: TA = -40°C to +85°C; VIN = (VO + 0.5V) to 5.5V with a minimum VIN of 2.3V; CIN = 1µF; CO = 1µF. PARAMETER SYMBOL TEST CONDITIONS MIN (Note 8) TYP MAX (Note 8) UNITS DC CHARACTERISTICS Supply Voltage VIN 2.3 6.5 V Ground Current Quiescent condition: IO = 0µA IDD LDO active 25 32 µA Shutdown Current IDDS LDO disabled @ +25°C 0.1 1.0 µA UVLO Threshold VUV+ 1.9 2.1 2.3 V VUV- 1.6 1.8 2.0 V Regulation Voltage Accuracy Initial accuracy at VIN = VO + 0.5V, IO = 10mA, TJ = +25°C -0.7 +0.7 % VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA, TJ = +25°C -0.8 +0.8 % VIN = VO + 0.5V to 5.5V, IO = 10µA to 300mA, TJ = -40°C to +125°C -1.8 +1.8 % Maximum Output Current IMAX Continuous 300 mA Internal Current Limit ILIM 350 475 600 mA Dropout Voltage (Note 7) VDO1 IO = 300mA; VO 2.5V 300 500 mV VDO2 IO = 300mA; 2.5V VO 2.8V 250 400 mV VDO3 IO = 300mA; VO > 2.8V 200 325 mV Thermal Shutdown Temperature TSD+ 145 °C TSD- 110 °C AC CHARACTERISTICS Ripple Rejection (Note 6) IO = 10mA, VIN = 2.8V (min), VO = 1.8V, CBYP = 0.1µF @ 1kHz 90 dB @ 10kHz 70 dB @ 100kHz 50 dB Output Noise Voltage (Note 6) IO = 100µA, VO = 1.5V, TA = +25°C, CBYP = 0.1µF BW = 10Hz to 100kHz 30 µVRMS |
Similar Part No. - ISL9001IRCZ-T |
|
Similar Description - ISL9001IRCZ-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |