Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9000AIRCJZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL9000AIRCJZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9000AIRCJZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL9000AIRCJZ Datasheet HTML 1Page - Renesas Technology Corp ISL9000AIRCJZ Datasheet HTML 2Page - Renesas Technology Corp ISL9000AIRCJZ Datasheet HTML 3Page - Renesas Technology Corp ISL9000AIRCJZ Datasheet HTML 4Page - Renesas Technology Corp ISL9000AIRCJZ Datasheet HTML 5Page - Renesas Technology Corp ISL9000AIRCJZ Datasheet HTML 6Page - Renesas Technology Corp ISL9000AIRCJZ Datasheet HTML 7Page - Renesas Technology Corp ISL9000AIRCJZ Datasheet HTML 8Page - Renesas Technology Corp ISL9000AIRCJZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ISL9000A
FN6391 Rev 3.00
Page 4 of 14
October 15, 2015
Ordering Information
PART NUMBER
(Notes 1, 3)
PART
MARKING
VO1 VOLTAGE
(V) (Note 2)
VO2 VOLTAGE
(V) (Note 2)
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG
DWG. #
ISL9000AIRNNZ
DEYA
3.3
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRNJZ
DEWA
3.3
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRNFZ
DEVA
3.3
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRNCZ (No longer available,
recommended replacement: ISL9000AIRNJZ)
DETA
3.3
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRMNZ
DESA
3.0
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRMMZ (No longer available,
recommended replacement: ISL9000AIRMGZ-T)
DERA
3.0
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRMGZ
DEPA
3.0
2.7
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRLLZ
DENA
2.9
2.9
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRKNZ (No longer available,
recommended replacement: ISL9000AIRKCZ-T)
DELA
2.85
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRKKZ
DEKA
2.85
2.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRKJZ
DEJA
2.85
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRKFZ
DEHA
2.85
2.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRKPZ (No longer available,
recommended replacement: ISL9000AIRKCZ-T)
DEMA
2.85
1.85
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRKCZ
DEGA
2.85
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRJNZ
DEEA
2.8
3.3
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRJMZ (No longer available,
recommended replacement: ISL9000AIRJBZ-T)
DEDA
2.8
3.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRJRZ (No longer available,
recommended replacement: ISL9000AIRJNZ-T)
DEFA
2.8
2.6
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRJCZ (No longer available,
recommended replacement: ISL9000AIRJBZ-T)
DECA
2.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRJBZ
DEBA
2.8
1.5
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRFJZ
DDVA
2.5
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRFDZ
DDTA
2.5
2.0
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRFCZ
DDSA
2.5
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRCJZ
DDRA
1.8
2.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9000AIRCCZ
DDPA
1.8
1.8
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. For other output voltages, contact Intersil Marketing.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - ISL9000AIRCJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRCJZ INTERSIL-ISL9000AIRCJZ Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AIRCJZ INTERSIL-ISL9000AIRCJZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
More results

Similar Description - ISL9000AIRCJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com