Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9000AIRCCZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL9000AIRCCZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9000AIRCCZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL9000AIRCCZ Datasheet HTML 6Page - Renesas Technology Corp ISL9000AIRCCZ Datasheet HTML 7Page - Renesas Technology Corp ISL9000AIRCCZ Datasheet HTML 8Page - Renesas Technology Corp ISL9000AIRCCZ Datasheet HTML 9Page - Renesas Technology Corp ISL9000AIRCCZ Datasheet HTML 10Page - Renesas Technology Corp ISL9000AIRCCZ Datasheet HTML 11Page - Renesas Technology Corp ISL9000AIRCCZ Datasheet HTML 12Page - Renesas Technology Corp ISL9000AIRCCZ Datasheet HTML 13Page - Renesas Technology Corp ISL9000AIRCCZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL9000A
FN6391 Rev 3.00
Page 11 of 14
October 15, 2015
Functional Description
The ISL9000A contains two high performance LDO’s. High
performance is achieved through a circuit that delivers fast
transient response to varying load conditions. In a quiescent
condition, the ISL9000A adjusts its biasing to achieve the lowest
standby current consumption.
The device also integrates current limit protection, smart thermal
shutdown protection, staged turn-on and soft-start. Smart
thermal shutdown protects the device against overheating.
Staged turn-on and soft-start minimize start-up input current
surges without causing excessive device turn-on time.
Power Control
The ISL9000A has two separate enable pins (EN1 and EN2) to
individually control power to each of the LDO outputs. When both
EN1 and EN2 are LOW, the device is in shutdown mode. During
this condition, all on-chip circuits are OFF, and the device draws
minimum current, typically less than 0.1µA.
When one or both of the enable pins are asserted, the device first
polls the output of the UVLO detector to ensure that VIN voltage is
at least about 2.1V. Once verified, the device initiates a start-up
sequence. During the start-up sequence, trim settings are first
read and latched. Then, sequentially, the bandgap, reference
voltage and current generation circuitry power-up. Once the
references are stable, a fast-start circuit quickly charges the
external reference bypass capacitor (connected to the CBYP pin)
to the proper operating voltage. After the bypass capacitor has
been charged, the LDOs power-up in their specified sequence.
Soft-start circuitry integrated into each LDO limits the initial
ramp-up rate to about 30µs/V to minimize current surge.
If EN1 is brought HIGH, and EN2 goes HIGH before the VO1
output stabilizes, the ISL9000A delays the VO2 turn-on until the
VO1 output reaches its target level.
If EN2 is brought high, and EN1 goes HIGH before VO2 starts its
output ramp, then VO1 turns on first and, the ISL9000A delays
the VO2 turn-on until the VO1 output reaches its target level.
If EN2 is brought HIGH, and EN1 goes HIGH after VO2 starts its
output ramp, then the ISL9000A immediately starts to ramp up
the VO1 output.
If both EN1 and EN2 are brought HIGH at the same time, the VO1
output has priority, and is always powered up first.
During operation, whenever the VIN voltage drops below about
1.8V, the ISL9000A immediately disables both LDO outputs.
When VIN rises back above 2.1V, the device re-initiates its
start-up sequence and LDO operation will resume automatically.
Reference Generation
The reference generation circuitry includes a trimmed bandgap,
a trimmed voltage reference divider, a trimmed current reference
generator, and an RC noise filter. The filter includes the external
capacitor connected to the CBYP pin. A 0.01µF capacitor
connected CBYP implements a 100Hz lowpass filter, and is
recommended for most high performance applications. For the
lowest noise application, a 0.1µF or greater CBYP capacitor
should be used. This filters the reference noise below the 10Hz to
1kHz frequency band, which is crucial in many noise-sensitive
applications.
The bandgap generates a zero temperature coefficient (TC)
voltage for the reference divider. The reference divider provides
the regulation reference, POR detection thresholds, and other
voltage references required for current generation and over-
temperature detection.
The current generator provides the references required for
adaptive biasing as well as references for LDO output current
limit and thermal shutdown determination.
LDO Regulation and Programmable Output
Divider
The LDO Regulator is implemented with a high-gain operational
amplifier driving a PMOS pass transistor. The design of the
ISL9000A provides a regulator that has low quiescent current,
fast transient response, and overall stability across all operating
and load current conditions. LDO stability is guaranteed for a 1µF
to 10µF output capacitor that has a tolerance better than 20%
and ESR less than 200m
. The design is performance-optimized
for a 1
F capacitor. Unless limited by the application, use of an
output capacitor value above 4.7µF is not normally needed as
LDO performance improvement is minimal.
Each LDO uses an independently trimmed 1V reference. An
internal resistor divider drops the LDO output voltage down to 1V.
This is compared to the 1V reference for regulation. The resistor
division ratio is programmed in the factory to one of the following
output voltages: 1.5V, 1.8V, 1.85V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V,
2.9V, 3.0V, and 3.3V.
Power-On Reset Generation
Each LDO has a separate Power-on Reset signal generation
circuit which outputs to the respective POR pins. The POR signal
is generated as follows:
A POR comparator continuously monitors the output of each LDO.
The LDO enters a power-good state when the output voltage is
above 94% of the expected output voltage for a period exceeding
the LDO PGOOD entry delay time. In the power-good state, the
open-drain PORx output is in a high-impedance state. An internal
100k
 pull-up resistor pulls the pin up to the respective LDO
output voltage. An external resistor can be added between the
PORx output and the LDO output for a faster rise time, however,
the PORx output should not connect through an external resistor to
a supply greater than the associated LDO voltage.
The power-good state is exited when the LDO output falls below
90% of the expected output voltage for a period longer than the
PGOOD exit delay time. While power-good is false, the ISL9000A
pulls the respective POR pin low.
For LDO-1, the PGOOD entry delay time is fixed at about 2ms
while the PGOOD exit delay is about 25µs. For LDO-2, the PGOOD
entry and exit delays are determined by the value of the external
capacitor connected to the CPOR pin. For a 0.01µF capacitor, the
entry and exit delays are 200ms and 25µs respectively. Larger or
smaller capacitor values will yield proportionately longer or
shorter delay times. The POR exit delay should never be allowed
to be less than 10µs to ensure sufficient immunity against
transient induced false POR triggering.


Similar Part No. - ISL9000AIRCCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRCCZ INTERSIL-ISL9000AIRCCZ Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AIRCCZ INTERSIL-ISL9000AIRCCZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
More results

Similar Description - ISL9000AIRCCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com