Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5121 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5121
Description  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5121 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5121 Datasheet HTML 1Page - Texas Instruments ADS5121 Datasheet HTML 2Page - Texas Instruments ADS5121 Datasheet HTML 3Page - Texas Instruments ADS5121 Datasheet HTML 4Page - Texas Instruments ADS5121 Datasheet HTML 5Page - Texas Instruments ADS5121 Datasheet HTML 6Page - Texas Instruments ADS5121 Datasheet HTML 7Page - Texas Instruments ADS5121 Datasheet HTML 8Page - Texas Instruments ADS5121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ADS5121
5
SBAS281
www.ti.com
NAME
PINS
I/O
TERMINAL DESCRIPTION
AVDD
C6, C7, E6, F1, F2, F3, F5, F6, J6, N3, P3, P5, P6, P7, R6, V6, W6
I
Analog Supply (1.8V)
AGND
A3, A5, B5, B9, C1, C5, C9, E3, E7, F7, G1, G5, G6, H6, J1, J2, M2, N5, N6, P8,
I
Analog Ground
R1, R2, R3, R7, U1, U5, U10, V5, V10, W3, W7
AINA+
U7
I
Analog Input Channel A
AINA–
V7
I
Complementary Analog Input Channel A
AINB+
W4
I
Analog Input Channel B
AINB–
V4
I
Complementary Analog Input Channel B
AINC+
T1
I
Analog Input Channel C
AINC–
T2
I
Complementary Analog Input Channel C
AIND+
P2
I
Analog Input Channel D
AIND–
P1
I
Complementary Analog Input Channel D
AINE+
G3
I
Analog Input Channel E
AINE–
G2
I
Complementary Analog Input Channel E
AINF+
D1
I
Analog Input Channel F
AINF–
D2
I
Complementary Analog Input Channel F
AING+
A4
I
Analog Input Channel G
AING–
B4
I
Complementary Analog Input Channel G
AINH+
B6
Analog Input Channel H
AINH–
A6
I
Complementary Analog Input Channel H
CLK
W9
I
Clock Input
REFT
K3, L1, J3
I/O
Reference Top
REFB
K5, J5, L5
I/O
Reference Bottom
CML
L2, L3
O
Common-Mode Level Output
BG
K1
I/O
Bandgap Decoupling (Decouple with 0.1
µF cap to AGND)
IREFR
K6
I
Internal Reference Bias Current (Connect 6.8k
Ω resistor
from this pin AGND to set internal bias amplifier current.)
DNC
L6
I
Do Not Connect
DNC
M1
I
Do Not Connect
NC
E1, E2, E5, K2, U6, W5
I
No Internal Connection
DCASEL
N2
I
Duty Cycle Adjust
DVDD
C2, C3, C4, D3, E8, F8, H3, H5, M3, M5, R8, T3, U3, U4, U8, V3, P13, R13
I
Digital Supply (1.8V)
P17, L15, J14, F17, F12, E12
DGND
A2, A7, B1, B2, B3, B7, B13, C13, G15, H1, H2, H17, L17, M6, N1, N15, U2, U13,
I
Digital Ground
U14, V1, V2, V8, W2, W8
PDREF
V9
I
Power-Down Ref: 0 = internal reference, 1 = external
reference. In external reference mode connect REFT to
BG pin.
STBY A
W10
I
Power-Down Channel A
STBY B
P9
I
Power-Down Channel B
STBY C
R9
I
Power-Down Channel C
STBY D
U9
I
Power-Down Channel D
STBY E
C8
I
Power-Down Channel E
STBY F
B8
I
Power-Down Channel F
STBY G
A8
I
Power-Down Channel G
STBY H
A9
I
Power-Down Channel H
OE
P10
I
Enable all Digital Outputs, Ch. A-H. OE: 0 = Outputs
Enable. OE: 1 = Outputs disabled (3-state).
DRVDD
B17, C16, D17, E9, E10, E11, E17, F9, H14, H15, K17, L14, N14, P12, P14, P15
I
Driver Digital Supply (1.8V or 3.3V)
R10, R12, R14
I
DRGND
E13, F10, F11, F13, F14, F15, G14, G17, M14, M15, M17, N17, U11, U12, U15, U16
I
Driver Digital Ground
PIN DESCRIPTIONS
19
14,40 TYP
17
16
13
14
15
11
12
9
8
10
V
U
W
R
N
P
L
M
K
T
7
5
6
3
4
H
F
G
E
C
D
1
A
B
2
J
18
0,80
PIN CONFIGURATION
Bottom View
BGA


Similar Part No. - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5121 TI-ADS5121 Datasheet
558Kb / 21P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121 TI1-ADS5121 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121IGHK TI1-ADS5121IGHK Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121IZHK TI1-ADS5121IZHK Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com