Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5121 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5121
Description  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5121 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5121 Datasheet HTML 1Page - Texas Instruments ADS5121 Datasheet HTML 2Page - Texas Instruments ADS5121 Datasheet HTML 3Page - Texas Instruments ADS5121 Datasheet HTML 4Page - Texas Instruments ADS5121 Datasheet HTML 5Page - Texas Instruments ADS5121 Datasheet HTML 6Page - Texas Instruments ADS5121 Datasheet HTML 7Page - Texas Instruments ADS5121 Datasheet HTML 8Page - Texas Instruments ADS5121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ADS5121
SBAS281 – MAY 2003
www.ti.com
DESCRIPTION
The ADS5121 is a low-power, 8-channel, 10-bit, 40MSPS
CMOS Analog-to-Digital Converter (ADC) that operates from
a single 1.8V supply, while offering 1.8V and 3.3V digital I/O
flexibility. A single-ended input clock is used for simultaneous
sampling of up to eight analog differential input channels. The
flexible duty cycle adjust circuit (DCASEL) allows the use of a
non-50% clock duty cycle. Individual standby pins allow users
the ability to power-down any number of ADCs.
The internal reference can be bypassed to use an external
reference to suit the accuracy and temperature drift require-
ments of the application. A 10-bit parallel bus on eight chan-
nels is provided with 3-state outputs.
The speed, resolution, and low power of the ADS5121 make
it ideal for applications requiring high-density signal process-
ing in low-power environments.
The ADS5121 is characterized for operation from –40
°C to
+85
°C.
FEATURES
q 8 DIFFERENTIAL ANALOG INPUTS
q 1V
PP DIFFERENTIAL INPUT RANGE
q INT/EXT VOLTAGE REFERENCE
q ANALOG/DIGITAL SUPPLY: 1.8V
q DIGITAL I/O SUPPLY: 1.8V/3.3V
q DIFFERENTIAL NONLINEARITY:
±0.4LSB
q INTEGRAL NONLINEARITY:
±0.6LSB
q SIGNAL-TO-NOISE: 60dB at f
IN = 20MHz
q POWER DISSIPATION: 500mW
q INDIVIDUAL CHANNEL POWER-DOWN
q 257-LEAD, 0.8 BALL PITCH, PLASTIC
MicroSTAR BGA™ (16mm • 16mm)
Copyright © 2003, Texas Instruments Incorporated
8-Channel, 10-Bit, 40MSPS, 1.8V
CMOS ANALOG-TO-DIGITAL CONVERTER
MicroSTAR BGA is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
A
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
H
DCASEL
AINA+
CLK
AINA–
AINH–
AINH+
IREFR
AV
DD
STBY
OE
DRV
DD
DV
DD
Internal
Reference
Circuit
CM
AGND
DRVGND DGND
BG
PDREF REFT REFB
CML
APPLICATIONS
q PORTABLE ULTRASOUND
q PORTABLE INSTRUMENTATION
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
ADS
5121


Similar Part No. - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5121 TI-ADS5121 Datasheet
558Kb / 21P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121 TI1-ADS5121 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
ADS5121IGHK TI1-ADS5121IGHK Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121IZHK TI1-ADS5121IZHK Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com