Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUGCZ-T Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL9016IRUGCZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9016IRUGCZ-T Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL9016IRUGCZ-T Datasheet HTML 1Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISL9016
FN6832 Rev 1.00
Page 5 of 11
May 16, 2011
EN PIN CHARACTERISTICS
Input Low Voltage
VIL
TA = -20°C to +85°
-0.3
0.4
V
Input High Voltage
VIH
1.1
VIN + 0.3
V
Input Leakage Current
IIL, IIH
0.1
µA
REVERSE CURRENT CHARACTERISTICS
Output Reverse Leakage Current
(Note 7)
IORLC VIN = 0V, VOUT = 5.5V
8
15
µA
NOTES:
6. VOx = 0.98*VOx(NOM); Valid for VOx greater than 1.80V.
7. Output reverse leakage current is measured with VIN pin grounded and VOUT pin connected to 5.5V.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Typical specifications are measured at the following conditions: TA = +25°C; VIN = (VO + 0.5V) to 6.5V with a
minimum VIN of 1.8V; CIN = 1µF; CO = 1µF. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS


Similar Part No. - ISL9016IRUGCZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUGCZ-T INTERSIL-ISL9016IRUGCZ-T Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9016IRUGCZ-T INTERSIL-ISL9016IRUGCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
More results

Similar Description - ISL9016IRUGCZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com