Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUGCZ-T Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL9016IRUGCZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9016IRUGCZ-T Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL9016IRUGCZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 10Page - Renesas Technology Corp ISL9016IRUGCZ-T Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ISL9016
FN6832 Rev 1.00
Page 9 of 11
May 16, 2011
Block Diagram
Functional Description
ISL9016 contains two high performance LDO’s. High
performance is achieved through a circuit which delivers fast
transient response to varying load conditions. In a quiescent
condition, the ISL9016 adjusts its biasing to achieve the lowest
standby current consumption.
The device also integrates current limit protection, thermal
shutdown protection, reverse current protection and soft-start.
Thermal shutdown protects the device against overheating.
Soft-start limits the start-up input current surges. In some certain
application circuits, the output voltage may be externally held up,
meanwhile, the input voltage could be connected to ground, or
connected to some voltage lower than the output side, or be left
open circuit. ISL9016 features the reverse current protection; it
can limit the current flow from output to input. This protection will
automatically initiate when VOUT is detected to be higher than VIN.
When VIN is pulled to ground and VOUT is held at 5.5V, the current
flow from VOUT to VIN is typically less than 8µA.
Enable Control
The ISL9016 has two separate enable pins, EN1 and EN2, which
independently enable/disable each of the LDO outputs. When both
EN1 and EN2 are low, the whole device is in shutdown mode. In this
condition, all on-chip circuits are off, and the device draws minimum
current, typically less than 0.1mA. When one or both the EN pins go
high, the LDO1 and/or LDO2 will be enabled accordingly based on
the voltage signal applied on its related EN pin and start from the
soft-start. Likewise, when one or both EN pins go low, LDO1 and/or
LDO2 will be disabled based on the signal applied on its related EN
pin. A 100kΩ (or above) pull-up resistor should be connected
between ENx pin and the external control voltage (as shown in the
“Typical Application Diagram” on page 1).
LDO Protections
ISL9016 offers several protections which make it ideal for using
in battery-powered application circuits.
ISL9016 provides short-circuit protection by limiting the output
current to typical 265mA. When short circuit happens, the circuit
is limited at 265mA (typical). If the short circuit lasts long enough,
the die temperature increases, and the over-temperature
protection circuit will turn off the output.
When the die temperature reaches about +145°C, the thermal
protection starts working. Under the overheat condition, only the
LDO sourcing more than 50mA will be shut off. This does not
affect the operation of the other LDO. If both LDOs source more
than 50mA and an overheat condition occurs, both LDO outputs
will be disabled. Once the die temperature falls back to about
+110°C, the disabled LDO(s) are re-enabled and soft-start
automatically takes place.
In certain applications, the following input/output situations may
occur, with output voltage externally held up higher than the input
voltage:
1. Input is pulled to ground;
2. Input is left open circuit; and
3. Input is pulled to some intermediate voltage
ISL9016 provides the reverse current protection to limit the current
flow from output to input under these situations. When input is
pulled to ground and output is held to 5.5V, the typical reverse
current from output to input side is less than 8µA.
CONTROL
LOGIC
SHORT CIRCUIT
THERMAL PROTECTION
SOFT-START
UNDERVOLTAGE
LOCKOUT
BANDGAP
TEMP-SENSOR
REFERENCE
VOLTAGES
VREF1
VREF2
VREF3
VOUT1
EN1
+
VIN
VIN
EN1
EN2
VOUT2
VOUT1
GND
VREF1
REVERSE CURRENT
PROTECTION
LDO-2
LDO-1


Similar Part No. - ISL9016IRUGCZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUGCZ-T INTERSIL-ISL9016IRUGCZ-T Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9016IRUGCZ-T INTERSIL-ISL9016IRUGCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
More results

Similar Description - ISL9016IRUGCZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com