Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUMWZ-T Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL9016IRUMWZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9016IRUMWZ-T Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL9016IRUMWZ-T Datasheet HTML 1Page - Renesas Technology Corp ISL9016IRUMWZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9016IRUMWZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9016IRUMWZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9016IRUMWZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9016IRUMWZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9016IRUMWZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9016IRUMWZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9016IRUMWZ-T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN6832 Rev 1.00
Page 1 of 11
May 16, 2011
FN6832
Rev 1.00
May 16, 2011
ISL9016
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
DATASHEET
ISL9016 is a high performance dual LDO capable of providing
up to 150mA current on each channel. It features a low standby
current and very high PSRR and is stable with output
capacitance of 1µF to 4.7µF with an ESR of up to 200mΩ.
The device integrates a separate enable function for each
output. The quiescent current is typically 49µA when only one
LDO is enabled and typically 80µA when both LDOs are
enabled. When both LDOs are under shutdown condition, the
drawing current is typically less than 1µA.
ISL9016 provides a wide input voltage range from 1.8V to
6.5V. It also has a high PSRR of 80dB at 1kHz and 45dB at
1MHz. ISL9016 also provides output current limit, overheat
protection, reverse current protection, as well as excellent load
transient response.
ISL9016 is offered in a tiny 1.6mmx1.6mm 6 Ld µTDFN
package. Output voltage options are available from 1.2V to
3.3V. Several combinations of voltage outputs are standard
and others may be available upon request.
Features
• Dual Integrated 150mA High Performance LDOs
• High PSRR: 80dB @ 1kHz and 45dB @ 1MHz
• Reverse Current Protection
•Low Quiescent Current
- 49µA (Single LDO Enabled)/80µA (Dual LDOs Enabled)
• Excellent Load Transient Response
• Typically ±0.8% Output Voltage Accuracy
• Low Output Noise: Typically 25µVRMS
• Wide Input Voltage Capability: 1.8V to 6.5V
• Low Dropout Voltage: Typically 120mV @ 150mA
• Separate Enable Control for each LDO
• Stable with 1µF to 4.7µF Ceramic Output Capacitors
• Soft-start to Limit Input Current Surge During Enable
• Current Limit and Overheat Protection
• Tiny 6 Ld 1.6mmx1.6mm µTDFN package
• Pb-free (RoHS Compliant)
Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3/4 Players, PMP, DSC
• Handheld Devices including Medical Handhelds
VIN
GND
EN2
EN1
VOUT2
VOUT1
ON
OFF
ON
OFF
C1
C2
C3
C1, C2, C3: 1µF, X5R (or X7R) CERAMIC CAPACITOR
R1, R2: 100k
R1
R2
ISL9016
VIN (1.8V TO 6.5V)
VOUT1
1.2V~3.3V, 0~150mA
VOUT2
1.2V~3.3V, 0~150mA
FIGURE 1. TYPICAL APPLICATION DIAGRAM


Similar Part No. - ISL9016IRUMWZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUMWZ-T INTERSIL-ISL9016IRUMWZ-T Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9016IRUMWZ-T INTERSIL-ISL9016IRUMWZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
More results

Similar Description - ISL9016IRUMWZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com