Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9021IRUPZ-T Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL9021IRUPZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9021IRUPZ-T Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL9021IRUPZ-T Datasheet HTML 2Page - Renesas Technology Corp ISL9021IRUPZ-T Datasheet HTML 3Page - Renesas Technology Corp ISL9021IRUPZ-T Datasheet HTML 4Page - Renesas Technology Corp ISL9021IRUPZ-T Datasheet HTML 5Page - Renesas Technology Corp ISL9021IRUPZ-T Datasheet HTML 6Page - Renesas Technology Corp ISL9021IRUPZ-T Datasheet HTML 7Page - Renesas Technology Corp ISL9021IRUPZ-T Datasheet HTML 8Page - Renesas Technology Corp ISL9021IRUPZ-T Datasheet HTML 9Page - Renesas Technology Corp ISL9021IRUPZ-T Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FN6867 Rev 2.00
Page 8 of 10
January 14, 2010
ISL9021
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2009-2010. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Functional Description
The ISL9021 is a high performance low-dropout regulator
(LDO) with 250mA sourcing capability. The extra low ground
current makes this part a good choice for handheld product
applications. The device also incorporates overcurrent, thermal
shutdown, reverse current protections, and soft-start features.
Thermal shutdown protects the device against overheating.
Soft-start limits the start-up input current surges. In some
applications, the output voltage may be externally pulled higher
than input, or the input voltage could be connected to ground,
or connected to some voltage lower than the output side. The
ISL9021 features reverse current protection; that can block the
reverse current from output to input.
Enable Control
The ISL9021 has an enable pin. When EN is low, the IC is in
shutdown mode. In this condition, all on-chip circuits are off,
and the device draws minimum current, typically less than
0.1µA(typ). Driving this pin high will turn on the device.
LDO Protections
The ISL9021 offers several protection functions, making it ideal
for use in battery-powered applications.The ISL9021 provides
short-circuit protection by limiting the output current at current limit
of 260mA(min). If the short circuit lasts long enough, the die
temperature increases, and the over-temperature protection
circuit will shut down the output. When the die temperature
reaches about +145°C, thermal protection starts to work with
output being loaded with at least 50mA. Once the die temperature
drops to about +110°C, the LDO will resume operation beginning
with a soft-start.
The ISL9021’s reverse current protection is intended to block
reverse conduction if output voltage is higher than input
voltage.
Input and Output Capacitors
The ISL9021 provides a linear regulator that has low quiescent
current, fast transient response, and overall stable operation
across the recommended operating conditions. A ceramic
capacitor (X5R or X7R) with a capacitance of 1µF to 4.7µF with
an ESR up to 400m
 is suitable for the ISL9021 to maintain its
output stability. The ground connection of the output capacitor
should be routed directly to the GND pin of the device, and
also placed close to the IC. Similarly for the input capacitor,
usually a 1µF ceramic capacitor (X5R or 7R) is suitable for
most cases, but if a large, fast rising load transient condition is
expected, a higher value input capacitor may be necessary to
achieve satisfactory performance.
Board Layout Recommendations
A good PCB layout is an important step to achieve good
performance. It is recommended to design the board with
separate ground planes for input and output, and connect both
ground planes at the GND pin of the IC. Consideration should
be taken when placing the components and routing the trace to
minimize the ground impedance, and keep the parasitic
inductance low. Usually the input/output capacitors should be
placed as close to the IC as possible with a good ground
connection.


Similar Part No. - ISL9021IRUPZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021IRUPZ-T INTERSIL-ISL9021IRUPZ-T Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021IRUPZ-T INTERSIL-ISL9021IRUPZ-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results

Similar Description - ISL9021IRUPZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com