Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9307IRTAAJFZ-T7A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL9307IRTAAJFZ-T7A
Description  3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9307IRTAAJFZ-T7A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL9307IRTAAJFZ-T7A Datasheet HTML 2Page - Renesas Technology Corp ISL9307IRTAAJFZ-T7A Datasheet HTML 3Page - Renesas Technology Corp ISL9307IRTAAJFZ-T7A Datasheet HTML 4Page - Renesas Technology Corp ISL9307IRTAAJFZ-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL9307IRTAAJFZ-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL9307IRTAAJFZ-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL9307IRTAAJFZ-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL9307IRTAAJFZ-T7A Datasheet HTML 9Page - Renesas Technology Corp ISL9307IRTAAJFZ-T7A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISL9307
FN7931 Rev 3.00
Page 6 of 13
September 20, 2012
P-Channel MOSFET ON-resistance
VIN = 3.6V, IO = 200mA
-
0.14
0.20
Ω
VIN = 2.3V, IO = 200mA
-
0.24
0.40
Ω
N-Channel MOSFET ON-resistance
VIN = 3.6V, IO = 200mA
-
0.11
0.20
Ω
VIN = 2.3V, IO = 200mA
0.18
0.34
Ω
P-Channel MOSFET Peak Current Limit
IPK
2.1
2.5
2.75
A
SW Maximum Duty Cycle
-100
-
%
SW Leakage Current
VIN = 5.5V
-
0.005
1
µA
PWM Switching Frequency
fS
2.6
3.0
3.4
MHz
SW Minimum ON-time
VFB = 0.75V
-
70
-
ns
Bleeding Resistor
-
115
-
Ω
LDO1 AND LDO2
VINLDO Supply Voltage
No higher than VINDCD1
1.5
-
5.5
V
VINLDO Undervoltage Lock-out
Threshold
VUVLO
VINDCD1 = 2.3V, Rising
-
1.41
1.46
V
VINDCD1 = 2.3V, Falling
1.33
1.37
-
V
Internal Peak Current Limit
350
425
540
mA
Dropout Voltage
IO = 300mA, VO ≤ 2.1V
-
125
250
mV
IO = 300mA, 2.1V < VO ≤ 2.8V
-
100
200
mV
IO = 300mA, VO > 2.8V
-
80
170
mV
Power Supply Rejection Ratio
IO= 300mA @ 1kHz, VIN = 3.6V, VO = 2.6V,
TA = +25°C
-55
-
dB
Output Voltage Noise
VIN = 4.2V, IO = 10mA, TA = +25°C, BW = 10Hz
to 100kHz
-45
-
µVRMS
ENABLE PIN LOGIC
ENDCD1, ENDCD2, ENLDO1, ENLDO2
Pin Logic High
1.4
V
ENDCD1, ENDCD2, ENLDO1, ENLDO2
Pin Logic Low
0.4
V
Enable Pin Leakage Current
0.05
1
µA
NOTE:
5. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Unless otherwise noted, typical specifications are measured at the following conditions: TA = +25°C,
VINDCD1 = 3.6V, VINDCD2 = 3.3V. For LDO1 and LDO2, VINLDO = VOLDO + 0.5V to 5.5V with VINLDO always no higher than VINDCD1.
L1 = L2 = 1.5µH, C1 = C4 = C5 = 10µF, C2 = C6 = C7 = 1µF, IOUT = 0A for DCD1, DCD2, LDO1 and LDO2 (see Figure 1 on page 1 for more details).
Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT


Similar Part No. - ISL9307IRTAAJFZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9307IRTAAJFZ-T7A INTERSIL-ISL9307IRTAAJFZ-T7A Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results

Similar Description - ISL9307IRTAAJFZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com