Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9443 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL9443
Description  Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9443 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL9443 Datasheet HTML 1Page - Renesas Technology Corp ISL9443 Datasheet HTML 2Page - Renesas Technology Corp ISL9443 Datasheet HTML 3Page - Renesas Technology Corp ISL9443 Datasheet HTML 4Page - Renesas Technology Corp ISL9443 Datasheet HTML 5Page - Renesas Technology Corp ISL9443 Datasheet HTML 6Page - Renesas Technology Corp ISL9443 Datasheet HTML 7Page - Renesas Technology Corp ISL9443 Datasheet HTML 8Page - Renesas Technology Corp ISL9443 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL9443
FN7663 Rev 1.00
Page 2 of 23
February 24, 2012
Pin Configuration
ISL9443
(32 LD 5x5 QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL9443IRZ
ISL9443 IRZ
-40 to +85
32 Ld 5x5 QFN
L32.5X5B
NOTES:
1. Add “-T*” for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL9443. For more information on MSL please see techbrief TB363.
EN/SS1
RT
VCC_5V
VIN
PGOOD
OCSET1
FB1
ISEN2
PGND
LGATE3
UGATE3
BOOT3
PHASE3
ISEN3
1
ISEN1
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17 MODE/SYNC
Pin Descriptions
PIN
NAME
FUNCTION
1
ISEN1
Current signal input for PWM1. This pin is used to monitor the voltage drop across the lower MOSFET for current loop
feedback and overcurrent protection.
2
VCC_5V
Output of the internal 5V linear regulator. This output supplies bias for the IC, the low side gate drivers, and the external
boot circuitry for the high-side gate drivers. The VCC_5V pin must be always decoupled to power ground with a minimum
of 4.7µF ceramic capacitor, placed very close to the pin. Do not allow the voltage at VCC_5V to exceed VIN at any time.
3
VIN
This pin should be tied to the input rail. It provides power to the internal linear drive circuitry and is also used by the feed-
forward controller to adjust the amplitude of each PWM sawtooth. Decouple this pin with a small ceramic capacitor
(0.1µF to 1µF) to ground.
4
EN/SS1
This pin provides an enable/disable function and soft-starting for PWM1 output. The output is disabled when the pin is
pulled to GND. During start-up, a regulated 1.55µA soft-start current charges an external capacitor connected at this pin.
When the voltage on the EN/SS1 pin reaches 1.3V, the PWM1 output becomes active. From 1.3V to 2.0V, the reference
voltage of the PWM1 is clamped to the voltage at EN/SS1 minus 1.3V. The capacitance of the soft-start capacitors sets
the soft-starting time and enable delay time. Setting the soft-starting time too short might create undesirable overshoot
at the output during start-up. VCC_5V UVLO discharges the EN/SS1 via an internal MOSFET.


Similar Part No. - ISL9443

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9443IRZ INTERSIL-ISL9443IRZ Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ INTERSIL-ISL9443IRZ Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
More results

Similar Description - ISL9443

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com