Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9305IRTWCNYZEV1Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL9305IRTWCNYZEV1Z
Description  3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9305IRTWCNYZEV1Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL9305IRTWCNYZEV1Z Datasheet HTML 5Page - Renesas Technology Corp ISL9305IRTWCNYZEV1Z Datasheet HTML 6Page - Renesas Technology Corp ISL9305IRTWCNYZEV1Z Datasheet HTML 7Page - Renesas Technology Corp ISL9305IRTWCNYZEV1Z Datasheet HTML 8Page - Renesas Technology Corp ISL9305IRTWCNYZEV1Z Datasheet HTML 9Page - Renesas Technology Corp ISL9305IRTWCNYZEV1Z Datasheet HTML 10Page - Renesas Technology Corp ISL9305IRTWCNYZEV1Z Datasheet HTML 11Page - Renesas Technology Corp ISL9305IRTWCNYZEV1Z Datasheet HTML 12Page - Renesas Technology Corp ISL9305IRTWCNYZEV1Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ISL9305
FN7605 Rev 2.00
Page 9 of 17
February 9, 2015
I2C Compatible Interface
The ISL9305 offers an I2C compatible interface, using two pins:
SCLK for the serial clock and SDAT for serial data respectively.
According to the I2C specifications, a pull-up resistor is needed for
the clock and data signals to connect to a positive supply. When
the ISL9305 and the host use different supply voltages, the pull-up
resistors should be connected to the higher voltage rail.
Signal timing specifications should satisfy the standard I2C bus
specification. The maximum bit rate is 400kb/s and more details
regarding the I2C specifications can be found from Philips.
I2C Slave Address
The ISL9305 serves as a slave device and the 7-bit default chip
address is 1101000, as shown in Figure 5 According to the I2C
specifications, here the value of Bit 0 determines the direction of
the message (“0” means “write” and “1” means “read”).
I2C Protocol
Figures 6, 7, and 8 show three typical I2C-bus transaction
protocols.
1
R/W
1
0
1
0
0
0
BIT 2
BIT 3
BIT 0
BIT 1
BIT 6
BIT 7
BIT 4
BIT 5
MSB
LSB
FIGURE 5. I2C SLAVE ADDRESS
S
0 A
P
SLAVE ADDRESS
REGISTER ADDRESS
DATA BYTE 1
R/W
AUTO INCREMENT
REGISTER ADDRESS
DATA BYTE N
AUTO INCREMENT
REGISTER ADDRESS
DATA BYTE 2
AUTO INCREMENT
REGISTER ADDRESS
A
SYSTEM HOST
ISL9305
A – ACKNOWLEDGE
N – NOT ACKNOWLEDGE
S – START
P – STOP
A
A
A
OPTIONAL
FIGURE 6. I2C WRITE
S
0 A
P
A
SLAVE ADDRESS
REGISTER ADDRESS
DATA BYTE 1
R/W
AUTO INCREMENT
REGISTER ADDRESS
S
1
SLAVE ADDRESS
R/W
N
DATA BYTE N
AUTO INCREMENT
REGISTER ADDRESS
A
DATA BYTE 2
AUTO INCREMENT
REGISTER ADDRESS
A
A
SYSTEM HOST
ISL9305
A – ACKNOWLEDGE
N – NOT ACKNOWLEDGE
S – START
P – STOP
OPTIONAL
FIGURE 7. I2C READ SPECIFYING REGISTER ADDRESS
S
1 A
P
A
SLAVE ADDRESS
DATA BYTE 1
R/W
AUTO INCREMENT
REGISTER ADDRESS
N
DATA BYTE N
AUTO INCREMENT
REGISTER ADDRESS
A
DATA BYTE 2
AUTO INCREMENT
REGISTER ADDRESS
SYSTEM HOST
ISL9305
A – ACKNOWLEDGE
N – NOT ACKNOWLEDGE
S – START
P – STOP
OPTIONAL
FIGURE 8. I2C READ NOT SPECIFYING REGISTER ADDRESS


Similar Part No. - ISL9305IRTWCNYZEV1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTWCNYZEV1Z INTERSIL-ISL9305IRTWCNYZEV1Z Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
More results

Similar Description - ISL9305IRTWCNYZEV1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com