Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21400IU8Z-TK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL21400IU8Z-TK
Description  Programmable Temperature Slope Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21400IU8Z-TK Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL21400IU8Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL21400IU8Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL21400
FN8091 Rev 3.00
Page 4 of 17
March 31, 2011
TS4
Incremental Temperature Sensor Slope AV = 1, n = 255, m = 0 to 255
(Notes 5, 13)
8.2
µV/°C
per
Code
TSNL
Temperature Slope Non-Linearity
n = 255, m = 0 to 255, T = -40°C to
+85°C
(Notes 5, 14)
±0.5
±1.0
%
DNL
DAC Relative Linearity
(VCC = 2.7 to 5.5V)
VREF and Temp Sense; AV = 1 (Note 17)
-1.0
+1.0
LSB
INL
DAC Absolute Linearity (VCC = 2.7 to
5.5V)
VREF and Temp Sense; AV = 1 (Note 17)
-3.0
+3.0
LSB
VOUT(TE) Total Error for VOUT
(Notes 5, 11, 12)
±1
±2
%
VOUT1
Output Voltage VREF, Gain = 1
AV = 1, n = 255, m = 128, TA = +25°C,
VCC =5.5V
1.189
1.2
1.211
V
VOUT2
Output Voltage VREF, Gain = 2
AV = 2, n = 255, m = 128, TA = +25°C,
VCC =5.5V
2.378
2.40
2.422
V
VOUT3
Output Voltage VREF, Gain = 4
AV = 4, n = 255, m = 128, TA = +25°C,
VCC =5.5V
4.756
4.80
4.844
V
VOUT4
Output Voltage VREF + TS
AV = 1, n = 255, m = 0, TA = +85°C
(Note 7)
1.315
1.326
1.337
V
VOUT5
Output Voltage VREF + TS
AV = 1, n = 255, m = 128, TA = +85°C
(Note 7)
1.188
1.199
1.210
V
VOUT6
Output Voltage VREF + TS
AV = 1, n = 255, m = 255, TA = +85°C
(Note 7)
1.063
1.074
1.085
V
VOUT7
Output Voltage VREF + TS
AV = 1, n = 255, m = 0, TA =-40°C,
(Note 7)
1.052
1.063
1.074
V
VOUT8
Output Voltage VREF + TS
AV = 1, n = 255, m = 128, TA = -40°C,
(Note 7)
1.189
1.200
1.211
V
VOUT9
Output Voltage VREF + TS
AV = 1, n = 255, m = 255, TA = -40°C,
(Note 7)
1.336
1.325
1.347
V
OUTPUT VOLTAGE DC SPECIFICATIONS
PSRR
Power Supply Rejection Ratio
AV = 1, n = 255, m = 128, (Note 10)
50
60
dB
ROUT
Output Impedance (load regulation)
Given by ROUT = (VOUT/IOUT),
TA = +25°C, IOUT = ±500µA
25
ISC
Short Circuit, Sourcing
VCC = 5.5V, VOUT = 0V
5
9
mA
Short Circuit, Sinking
VCC = 5.5V, VOUT = 5.5V
6
9
mA
CL
Load Capacitance
Reference output stable for all CL up to
specifications
5nF
OUTPUT VOLTAGE AC SPECIFICATIONS
VN
Output Voltage Noise
0.1Hz to 10Hz, AV =1
90
µVP-P
10Hz to 10kHz, CL = 0, AV = 1
TBD
mVRMS
Power-On Response
1% Settling
500
µs
Line Ripple Rejection
VCC = 5V ±100mV, f = 120Hz
60
dB
Analog Specifications
VCC = 5.5V, TA = +25°C to +85°C, Unless Otherwise Noted. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 6)
MAX
UNITS


Similar Part No. - ISL21400IU8Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21400IU8Z-TK INTERSIL-ISL21400IU8Z-TK Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
More results

Similar Description - ISL21400IU8Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
   Programmable Temperature Slope Voltage Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com