Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62871 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL62871
Description  PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL62871 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL62871 Datasheet HTML 6Page - Renesas Technology Corp ISL62871 Datasheet HTML 7Page - Renesas Technology Corp ISL62871 Datasheet HTML 8Page - Renesas Technology Corp ISL62871 Datasheet HTML 9Page - Renesas Technology Corp ISL62871 Datasheet HTML 10Page - Renesas Technology Corp ISL62871 Datasheet HTML 11Page - Renesas Technology Corp ISL62871 Datasheet HTML 12Page - Renesas Technology Corp ISL62871 Datasheet HTML 13Page - Renesas Technology Corp ISL62871 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISL62871, ISL62872
FN6707 Rev 1.00
Page 10 of 25
May 8, 2014
BOOT (Pin 18)
Positive input supply for the UGATE high-side MOSFET gate
driver. The BOOT pin is internally connected to the cathode of
the Schottky boot-strap diode. Connect an MLCC between the
BOOT pin and the PHASE pin.
VCC (Pin 19)
Input for the IC bias voltage. Connect +5V to the VCC pin and
decouple with at least a 1µF MLCC to the GND pin. See
“Application Schematics” (Figures 2 and 3) on page 4.
PVCC (Pin 20)
Input for the LGATE and UGATE MOSFET driver circuits. The
PVCC pin is internally connected to the anode of the Schottky
boot-strap diode. Connect +5V to the PVCC pin and decouple
with a 10µF MLCC to the PGND pin. See “Application
Schematics” (Figures 2 and 3) on page 4.
ISL62871 Functional Pin Descriptions
GND (Pin 1)
IC ground for bias supply and signal reference.
EN (Pin 2)
Enable input for the IC. Pulling EN above the VENTHR rising
threshold voltage initializes the soft-start sequence.
VID0 (Pin 3)
Logic input for setpoint voltage selector. Use to select between
the two setpoint reference voltages. External reference input
when enabled by connecting the SET0 pin to the VCC pin.
SREF (Pin 4)
Soft-start and voltage slew-rate programming capacitor input.
Setpoint reference voltage programming resistor input.
Connects internally to the inverting input of the VSET voltage
setpoint amplifier. See Figure 9 on page 12 for capacitor and
resistor connections.
SET0 (Pin 5)
Voltage set-point programming resistor input. See Figure 9 on
page 12 for resistor connection.
PGOOD (Pin 6)
Power-good open-drain indicator output. This pin changes to
high impedance when the converter is able to supply regulated
voltage. The pull-down resistance between the PGOOD pin
and the GND pin identifies which protective fault has shut
down the regulator. See Table 3 on page 16.
FB (Pin 7)
Voltage feedback sense input. Connects internally to the
inverting input of the control-loop error amplifier. The converter
is in regulation when the voltage at the FB pin equals the
voltage on the SREF pin. The control loop compensation
network connects between the FB pin and the converter
output. See Figure 13 on page 17.
VO (Pin 8)
Output voltage sense input for the R3 modulator. The VO pin
also serves as the reference input for the overcurrent detection
circuit. See Figure 10 on page 14.
OCSET (Pin 9)
Input for the overcurrent detection circuit. The overcurrent
setpoint programming resistor ROCSET connects from this pin
to the sense node. See Figure 10 on page 14.
PHASE (Pin 10)
Return current path for the UGATE high-side MOSFET driver.
VIN sense input for the R3 modulator. Inductor current polarity
detector input. Connect to junction of output inductor, high-side
MOSFET, and low-side MOSFET. See “Application
Schematics” (Figures 4 and 5) on page 5.
UGATE (Pin 11)
High-side MOSFET gate driver output. Connect to the gate
terminal of the high-side MOSFET of the converter.
BOOT (Pin 12)
Positive input supply for the UGATE high-side MOSFET gate
driver. The BOOT pin is internally connected to the cathode of
the Schottky boot-strap diode. Connect an MLCC between the
BOOT pin and the PHASE pin.
VCC (Pin 13)
Input for the IC bias voltage. Connect +5V to the VCC pin and
decouple with at least a 1µF MLCC to the GND pin. See
“Application Schematics” (Figures 4 and 5) on page 5.
PVCC (Pin 14)
Input for the LGATE and UGATE MOSFET driver circuits. The
PVCC pin is internally connected to the anode of the Schottky
boot-strap diode. Connect +5V to the PVCC pin and decouple
with a 10µF MLCC to the PGND pin. See “Application
Schematics” (Figures 4 and 5) on page 5.
LGATE (Pin 15)
Low-side MOSFET gate driver output. Connect to the gate
terminal of the low-side MOSFET of the converter.
PGND (Pin 16)
Return current path for the LGATE MOSFET driver. Connect to
the source of the low-side MOSFET.
Setpoint Reference Voltage Programming
Voltage identification (VID) pins select user-programmed
setpoint reference voltages that appear at the SREF pin. The
converter is in regulation when the FB pin voltage (VFB) equals
the SREF pin voltage (VSREF.) The IC measures VFB and
VSREF relative to the GND pin, not the PGND pin. The setpoint
reference voltages use the naming convention VSET(x) where


Similar Part No. - ISL62871

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62871 INTERSIL-ISL62871 Datasheet
771Kb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
ISL62871HRUZ INTERSIL-ISL62871HRUZ Datasheet
771Kb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
ISL62871HRUZ-T INTERSIL-ISL62871HRUZ-T Datasheet
771Kb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
More results

Similar Description - ISL62871

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL62875 INTERSIL-ISL62875 Datasheet
695Kb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62873 RENESAS-ISL62873 Datasheet
919Kb / 17P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95870 INTERSIL-ISL95870 Datasheet
633Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL62875 RENESAS-ISL62875 Datasheet
1Mb / 22P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Intersil Corporation
ISL95874 INTERSIL-ISL95874 Datasheet
854Kb / 29P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL62871 INTERSIL-ISL62871 Datasheet
771Kb / 25P
   PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
logo
Renesas Technology Corp
ISL95870 RENESAS-ISL95870 Datasheet
1Mb / 28P
   PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
ISL95874 RENESAS-ISL95874 Datasheet
1Mb / 29P
   PWM DC/DC Controllers with VID Inputs for Portable GPU Core-Voltage Regulator
logo
Altera Corporation
EC7100VQI ALTERA-EC7100VQI Datasheet
1,004Kb / 21P
   PWM DC/DC Controller with VS Inputs for FPGA Power Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com