Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002BIH311Z-TK Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL60002BIH311Z-TK
Description  Precision Low Power FGA Voltage References
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL60002BIH311Z-TK Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL60002BIH311Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL60002BIH311Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL60002BIH311Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL60002BIH311Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL60002BIH311Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL60002BIH311Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL60002BIH311Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL60002BIH311Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL60002BIH311Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ISL60002
FN8082 Rev 22.00
Page 5 of 40
Mar 9, 2018
Absolute Maximum Ratings
Thermal Information
Maximum Voltage VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
Maximum Voltage VOUT to GND (10s) . . . . . . . . . . . . . . -0.5V to +VOUT + 1V
Voltage on “DNC” Pins . . . . . . . . . .No connections permitted to these pins
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 550V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Environmental Operating Conditions
X-Ray Exposure (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mRem
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
3 Ld SOT-23 (Notes 7, 8) . . . . . . . . . . . . . . .
275
110
Continuous Power Dissipation (TA = +85°C) . . . . . . . . . . . . . . . . . . .99mW
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+107°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
3.3V Version . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70µA current, 30s duration. Other exposure levels should be
analyzed for Output Voltage drift effects. See “Applications Information” on page 34.
7.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See TB379 for details.
8. For
JC, the “case temp” location is taken at the package top center.
9. Post-reflow drift for the ISL60002 devices will range from 100µV to 1.0mV based on experimental results with devices on FR4 double-sided boards.
The design engineer must take this into account when considering the reference voltage after assembly.
10. Post-assembly X-ray inspection may also lead to permanent changes in device output voltage and should be minimized or avoided. Initial accuracy
can change 10mV or more under extreme radiation. Most inspection equipment will not affect the FGA reference voltage, but if X-ray inspection is
required, it is advisable to monitor the reference output voltage to verify excessive shift has not occurred.
Electrical Specifications ISL60002-10, VOUT = 1.024V (Additional specifications on page 9, “Common Electrical
Specifications”). Operating conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. Boldface limits apply
across the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11)TYP
MAX
(Note 11)UNIT
Output Voltage
VOUT
1.024
V
VOUT Accuracy (Notes 10, 12)VOA
TA = +25°C
ISL60002B10
-1.0
1.0
mV
ISL60002C10
-2.5
2.5
mV
ISL60002D10
-5.0
5.0
mV
Input Voltage Range
VIN
2.7
5.5
V
Electrical Specifications ISL60002-11, VOUT = 1.200V (Additional specifications on page 9, “Common Electrical
Specifications”). Operating conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. Boldface limits apply
across the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 11)TYP
MAX
(Note 11)UNIT
Output Voltage
VOUT
1.200
V
VOUT Accuracy (Note 12)VOA
TA = +25°C
ISL60002B11
-1.0
1.0
mV
ISL60002C11
-2.5
2.5
mV
ISL60002D11
-5.0
5.0
mV
Input Voltage Range
VIN
2.7
5.5
V


Similar Part No. - ISL60002BIH311Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
More results

Similar Description - ISL60002BIH311Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com