Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002BIH312Z-TK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL60002BIH312Z-TK
Description  Precision Low Power FGA Voltage References
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL60002BIH312Z-TK Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL60002BIH312Z-TK Datasheet HTML 1Page - Renesas Technology Corp ISL60002BIH312Z-TK Datasheet HTML 2Page - Renesas Technology Corp ISL60002BIH312Z-TK Datasheet HTML 3Page - Renesas Technology Corp ISL60002BIH312Z-TK Datasheet HTML 4Page - Renesas Technology Corp ISL60002BIH312Z-TK Datasheet HTML 5Page - Renesas Technology Corp ISL60002BIH312Z-TK Datasheet HTML 6Page - Renesas Technology Corp ISL60002BIH312Z-TK Datasheet HTML 7Page - Renesas Technology Corp ISL60002BIH312Z-TK Datasheet HTML 8Page - Renesas Technology Corp ISL60002BIH312Z-TK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
FN8082 Rev 22.00
Page 1 of 40
Mar 9, 2018
FN8082
Rev 22.00
Mar 9, 2018
ISL60002
Precision Low Power FGA Voltage References
DATASHEET
The ISL60002 FGA voltage references are very high precision
analog voltage references fabricated using the Renesas
proprietary Floating Gate Analog (FGA) technology and feature
low supply voltage operation at ultra-low 350nA operating
current.
Additionally, the ISL60002 family features guaranteed initial
accuracy as low as ±1.0mV and 20ppm/°C temperature
coefficient. The initial accuracy and temperature stability
performance of the ISL60002 family, plus the low supply
voltage and 350nA power consumption, eliminates the need
to compromise thermal stability for reduced power
consumption, making it an ideal companion to high resolution,
low power data conversion systems.
Special Note: Post-assembly x-ray inspection may lead to
permanent changes in device output voltage and should be
minimized or avoided. For further information, please see
“Applications Information” on page 34 and AN1533, “X-Ray
Effects on FGA References”.
Applications
• High resolution A/Ds and D/As
• Digital meters
• Bar code scanners
• Mobile communications
• PDAs and notebooks
• Medical systems
Features
• Reference voltages . . . . . 1.024V, 1.2V, 1.25V, 1.8V, 2.048V,
2.5V, 2.6V, 3.0V, and 3.3V
• Absolute initial accuracy options . . . . . . . . .±1.0mV, ±2.5mV,
and ±5.0mV
• Supply voltage range
- ISL60002-10, -11, -12, -18, -20, -25 . . . . . . . . 2.7V to 5.5V
- ISL60002-26 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8V to 5.5V
- ISL60002-30 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V to 5.5V
• Ultra-low supply current. . . . . . . . . . . . . . . . . . . . . . . 350nA typ
• Low 20ppm/°C temperature coefficient
•ISOURCE and ISINK = 7mA
•ISOURCE and ISINK = 20mA for ISL60002-33 only
• ESD protection . . . . . . . . . . . . . . . . 5.5V (Human Body Model)
• Standard 3 Ld SOT-23 packaging
• Operating temperature range
- ISL60002-10, -11, -12, -18, -20, -25,
-26, -30 . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
- ISL60002-33 . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
• Pb-free (RoHS compliant)
Related Literature
For a full list of related documents, visit our website
• ISL60002 product page
VIN = +3.0V
0.1µF
0.001µF
SERIAL
BUS
VIN V
OUT
GND
ENABLE
SCK
SDAT
A/D CONVERTER
16 TO 24-BIT
REF IN
10µF
VOUT = 2.50V
ISL60002-25
NOTE:
1. *Also see Figure 118 on page 35 in Applications Information.
FIGURE 1. TYPICAL APPLICATION
(see Note 1)


Similar Part No. - ISL60002BIH312Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002BIH312Z-TK INTERSIL-ISL60002BIH312Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002BIH312Z-TK INTERSIL-ISL60002BIH312Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH312Z-TK INTERSIL-ISL60002BIH312Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH312Z-TK INTERSIL-ISL60002BIH312Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002BIH312Z-TK INTERSIL-ISL60002BIH312Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
More results

Similar Description - ISL60002BIH312Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com