Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68124 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL68124
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL68124 Datasheet HTML 3Page - Renesas Technology Corp ISL68124 Datasheet HTML 4Page - Renesas Technology Corp ISL68124 Datasheet HTML 5Page - Renesas Technology Corp ISL68124 Datasheet HTML 6Page - Renesas Technology Corp ISL68124 Datasheet HTML 7Page - Renesas Technology Corp ISL68124 Datasheet HTML 8Page - Renesas Technology Corp ISL68124 Datasheet HTML 9Page - Renesas Technology Corp ISL68124 Datasheet HTML 10Page - Renesas Technology Corp ISL68124 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 7 of 46
June 16, 2017
Typical Application: 2+2 Configuration with ISL99227 SPS
FIGURE 3. TYPICAL APPLICATION: 2+2 CONFIGURATION WITH ISL99227 SPS
VCC
VCCS
4.7µF
TMON0
RGND0
VSEN0
SALRT
SDA
SCL
4.7µF
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
GND
VIN
0.1µF
2x22µF
12V
5V
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM0
CSRTN0
CS0
PWM1
CSRTN1
CS1
PWM2
CSRTN2
CS2
PWM3
CSRTN3
CS3
470pF
470pF
470pF
470pF
RGND1
VSEN1
100
ISL99227
COUT
VOUT0
VOUT1
COUT
ISL99227
ISL99227
ISL68124
PG0
EN0
PG1
EN1
1k
1k
VINSEN
10nF
10k
40.2k
TWARN
CONFIG
SA
12V
3.3V
GND
GND
GND
0.1µF
0.1µF
0.1µF
0.1µF
470pF
100
100
100
100
ISL99227
TMON1
470pF


Similar Part No. - ISL68124

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68124 INTERSIL-ISL68124 Datasheet
880Kb / 50P
   Digital Dual Output, 7-Phase Configurable PWM
ISL68124 INTERSIL-ISL68124 Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
More results

Similar Description - ISL68124

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL68144 RENESAS-ISL68144 Datasheet
2Mb / 48P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
ISL68147 RENESAS-ISL68147 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
ISL69124 RENESAS-ISL69124 Datasheet
187Kb / 2P
   Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
   Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69134 RENESAS-ISL69134 Datasheet
181Kb / 2P
   Digital Dual Output, 4-Phase Configurable, IMVP8 PWM Controller
Jan 15, 2018
ISL69133 RENESAS-ISL69133 Datasheet
231Kb / 2P
   Digital, Dual Output, 4-Phase Configurable, VR13/IMVP8 PWM Controller
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com