Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002BIH320Z-T7A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL60002BIH320Z-T7A
Description  Precision Low Power FGA Voltage References
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL60002BIH320Z-T7A Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL60002BIH320Z-T7A Datasheet HTML 1Page - Renesas Technology Corp ISL60002BIH320Z-T7A Datasheet HTML 2Page - Renesas Technology Corp ISL60002BIH320Z-T7A Datasheet HTML 3Page - Renesas Technology Corp ISL60002BIH320Z-T7A Datasheet HTML 4Page - Renesas Technology Corp ISL60002BIH320Z-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL60002BIH320Z-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL60002BIH320Z-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL60002BIH320Z-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL60002BIH320Z-T7A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ISL60002
FN8082 Rev 22.00
Page 4 of 40
Mar 9, 2018
ISL60002BIH330Z-TK
DFI
3.000
±1.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002CIH330Z-TK
DFJ
3.000
±2.5mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002DIH330Z-T7A
DFH
3.000
±5.0mV, 20ppm/°C
-40 to +85
250
3 Ld SOT-23
P3.064A
ISL60002DIH330Z-TK
DFH
3.000
±5.0mV, 20ppm/°C
-40 to +85
1k
3 Ld SOT-23
P3.064A
ISL60002BAH333Z-T7A
AOP
3.300
±1.0mV, 20ppm/°C
-40 to +105
250
3 Ld SOT-23
P3.064A
ISL60002BAH333Z-TK
AOP
3.300
±1.0mV, 20ppm/°C
-40 to +105
1k
3 Ld SOT-23
P3.064A
ISL60002CAH333Z-TK
AOU
3.300
±2.5mV, 20ppm/°C
-40 to +105
1k
3 Ld SOT-23
P3.064A
ISL60002DAH333Z-T7A
APC
3.300
±5.0mV, 20ppm/°C
-40 to +105
250
3 Ld SOT-23
P3.064A
ISL60002DAH333Z-TK
APC
3.300
±5.0mV, 20ppm/°C
-40 to +105
1k
3 Ld SOT-23
P3.064A
NOTES:
2. Refer to TB347 for details about reel specifications.
3. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), see the ISL60002BIH310, ISL60002BIH311, ISL60002B12, ISL60002BIH318, ISL60002BIH320,
ISL60002BIH326, ISL60002BIH330, ISL60002B25, ISL60002BAH333, ISL60002CIH310, ISL60002CIH311, ISL60002C12, ISL60002CIH318,
ISL60002CIH320, ISL60002CIH326, ISL60002CIH330, ISL60002C25, ISL60002CAH333, ISL60002DIH310, ISL60002DIH311, ISL60002D12,
ISL60002DIH318, ISL60002DIH320, ISL60002DIH326, ISL60002DIH330, ISL60002D25, ISL60002DAH333 product information pages. For more
information about MSL see TB363.
5. The part marking is located on the bottom of the part.
Ordering Information (Continued)
PART NUMBER
(Notes 2, 3, 4)
PART
MARKING
(Note 5)
VOUT
(V)
GRADE
TEMP. RANGE
(°C)
TAPE AND
REEL
(UNITS)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #


Similar Part No. - ISL60002BIH320Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002BIH320Z-TK INTERSIL-ISL60002BIH320Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002BIH320Z-TK INTERSIL-ISL60002BIH320Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH320Z-TK INTERSIL-ISL60002BIH320Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH320Z-TK INTERSIL-ISL60002BIH320Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002BIH320Z-TK INTERSIL-ISL60002BIH320Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
More results

Similar Description - ISL60002BIH320Z-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com