Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78219ARTZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL78219ARTZ
Description  Automotive Boost Regulator with 4A Integrated Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78219ARTZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL78219ARTZ Datasheet HTML 1Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 2Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 3Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 4Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 5Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 6Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 7Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 8Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FN8941 Rev.0.00
Page 3 of 15
Mar 22, 2018
ISL78219
1. Overview
1.3
Pin Configuration
ISL78219
(10 Ld TDFN)
Top View
1.4
Pin Descriptions
Pin Number
Pin Name
Description
1
COMP
Compensation pin. Output of the internal error amplifier. Capacitor and resistor from COMP pin to
ground.
2
FB
Voltage feedback pin. Internal reference is 1.24V nominal. Connect a resistor divider from VOUT.
VOUT = 1.24V (1 + R1/R2). See Figure 1 on page 1.
3
EN
Enable control pin. Pull the pin high to turn the device ON.
4, 5
GND
Power ground.
6, 7
LX
Power switch pin. Connected to the drain of the internal power MOSFET.
8
VIN
Analog power supply input pin.
9
FREQ
Frequency select pin. When the FREQ pin is set low, the switching frequency is set to 640kHz.
When set high, the switching frequency is set to 1.22MHz.
10
SS
Soft-start control pin. Connect a capacitor to control the converter output slew rate.
2
3
4
1
9
8
7
10
COMP
FB
EN
GND
SS
FREQ
VIN
LX
5
6
LX
GND


Similar Part No. - ISL78219ARTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78210 INTERSIL-ISL78210 Datasheet
617Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Renesas Technology Corp
ISL78210 RENESAS-ISL78210 Datasheet
933Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Intersil Corporation
ISL78210ARUZ-T INTERSIL-ISL78210ARUZ-T Datasheet
617Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Renesas Technology Corp
ISL78210ARUZ-T RENESAS-ISL78210ARUZ-T Datasheet
933Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Intersil Corporation
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
   Automotive Single-Phase Core Regulator for IMVP-6??CPUs
More results

Similar Description - ISL78219ARTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
428Kb / 8P
   Integrated 4A Switch PWM Step-Up Regulator
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1661 MICROCHIP-MCP1661 Datasheet
1,011Kb / 34P
   High-Voltage Integrated Switch PWM Boost Regulator with UVLO
01/27/15
logo
Micrel Semiconductor
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Texas Instruments
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com