Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78219ARTZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL78219ARTZ
Description  Automotive Boost Regulator with 4A Integrated Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78219ARTZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL78219ARTZ Datasheet HTML 1Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 2Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 3Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 4Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 5Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 6Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 7Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 8Page - Renesas Technology Corp ISL78219ARTZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN8941 Rev.0.00
Page 1 of 15
Mar 22, 2018
FN8941
Rev.0.00
Mar 22, 2018
ISL78219
Automotive Boost Regulator with 4A Integrated Switch
DATASHEET
The ISL78219 is a high frequency, high efficiency
current-mode control non-synchronous step-up voltage
regulator operated at a constant PWM switching
frequency. It has an internal 4.0A, 120mΩ low-side
MOSFET and can deliver high output current and
efficiency over 90%. The selectable 640kHz and
1.22MHz switching frequencies provide faster transient
response and allow the use of a smaller inductor. An
external compensation pin provides flexibility in setting
frequency compensation, allowing the use of low ESR
small ceramic output capacitors.
When in shutdown mode, the ISL78219 draws current at
<1µA and can operate at as low as 2.3V input. These
features, along with higher switching frequency, allow
use of tiny external components and minimize the overall
PCB footprint.
The ISL78219 is available in a 10 Ld TDFN package
with a maximum height of 0.8mm. The device is offered
for AEC-Q100 Grade 2 operation with an ambient
temperature range of -40°C to +105°C.
Related Literature
For a full list of related documents, visit our website
• ISL78219 product page
Features
• 4.0A, low rDS(ON) integrated low-side MOSFET
• +2.3V to +6.0V operating input voltage range
•VOUT operating range: 1.1 * VIN to 24V
• 640kHz or 1.22MHz switching frequency
• High efficiency: 93% for 5VIN, 12VOUT at 0.5A
• Adjustable soft-start
• Internal thermal protection
• 0.8mm maximum height 10 Ld TDFN package
• Pb-free (RoHS compliant)
• Halogen free
• AEC-Q100 Grade 2: -40°C to +105°C
Applications
• Satellite camera systems
• Auxiliary cooling fans
• Antenna and microphone supplies
Figure 1. Typical Application Circuit
1
2
3
4
10
9
8
7
COMP
FB
EN
GND
SS
FREQ
VIN
LX
5 GND
6
LX
12V
2.2V to 6V
Input
Output
D1
C2
22µF
C3
27nF
C4
0.1µF
C3
22µF
10µH
C5
4.7nF
R3
3.9k
R1 86.6k
R2
10k


Similar Part No. - ISL78219ARTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78210 INTERSIL-ISL78210 Datasheet
617Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Renesas Technology Corp
ISL78210 RENESAS-ISL78210 Datasheet
933Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Intersil Corporation
ISL78210ARUZ-T INTERSIL-ISL78210ARUZ-T Datasheet
617Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Renesas Technology Corp
ISL78210ARUZ-T RENESAS-ISL78210ARUZ-T Datasheet
933Kb / 17P
   Automotive PWM DC/DC Voltage Controller
logo
Intersil Corporation
ISL78211 INTERSIL-ISL78211 Datasheet
1Mb / 35P
   Automotive Single-Phase Core Regulator for IMVP-6??CPUs
More results

Similar Description - ISL78219ARTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Intersil Corporation
ISL97656 INTERSIL-ISL97656 Datasheet
428Kb / 8P
   Integrated 4A Switch PWM Step-Up Regulator
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Renesas Technology Corp
ISL97701 RENESAS-ISL97701 Datasheet
547Kb / 11P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Microchip Technology
MCP1661 MICROCHIP-MCP1661 Datasheet
1,011Kb / 34P
   High-Voltage Integrated Switch PWM Boost Regulator with UVLO
01/27/15
logo
Micrel Semiconductor
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Texas Instruments
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com