Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS99C54S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HMS99C54S
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS WITH EMBEDDED FLASH
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMS99C54S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HMS99C54S Datasheet HTML 2Page - List of Unclassifed Manufacturers HMS99C54S Datasheet HTML 3Page - List of Unclassifed Manufacturers HMS99C54S Datasheet HTML 4Page - List of Unclassifed Manufacturers HMS99C54S Datasheet HTML 5Page - List of Unclassifed Manufacturers HMS99C54S Datasheet HTML 6Page - List of Unclassifed Manufacturers HMS99C54S Datasheet HTML 7Page - List of Unclassifed Manufacturers HMS99C54S Datasheet HTML 8Page - List of Unclassifed Manufacturers HMS99C54S Datasheet HTML 9Page - List of Unclassifed Manufacturers HMS99C54S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
HMS99C51S/52S/54S/56S/58S
2
Sep. 2004 Ver 1.01
FEATURE
• Fully compatible to standard MCS-51 microcontroller
• Wide operating frequency up to 40MHz
(for more detail, See “HMS99C51S/52S/54S/56S/58S SELECTION GUIDE” on page 1)
• X2 Speed Improvement capability (X2 Mode : 6 clocks/machine cycle)
20MHz @5V (Equivalent to 40MHz @5V)
• ISP(In-System Programming) using Standard VCC Power Supply
• Boot ROM Contains Low Level FLASH Programming Routines and a Default Serial Loader
• 4K/8K/16K/24K/32K bytes FLASH user program memory
- Byte Write and Block(2K, 8K Bytes) Erase
• 2K bytes FLASH boot loader
• 1 byte Hardware Security Byte (HSB)
• 256 bytes RAM
• 64K bytes external program memory space
• 64K bytes external data memory space
• Four 8-bit ports
• Three 16-bit Timers / Counters (Timer2 with up/down counter feature)
•UART
• One clock output port
• Programmable ALE pin enable / disable (Low EMI)
• Six interrupt sources, two priority levels
• Power saving Idle and power down mode
• P-DIP-40, P-LCC-44, P-MQFP-44 package
• Temperature Ranges : -40
°C ~ 85°C
Description
The Flash memory increases EPROM and ROM functionality with in-circuit electrical erasure and program-
ming. It contains 4K, 8K, 16K, 24K or 32K bytes of program memory. This memory is both parallel and serial
In-System Programmable(ISP). The ISP allows devices to alter their own program memory in the actual end
product under software control through UART ports. A default serial loader(bootloader) program supports ISP
of the Flash memory. The programming does not require external 12V programming voltage. The necessary
high programming voltage is generated on-chip using the standard VCC pins of the microcontroller.


Similar Part No. - HMS99C54S

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS99C51 HYNIX-HMS99C51 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS99C54S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com