Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78220 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL78220
Description  6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78220 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL78220 Datasheet HTML 1Page - Renesas Technology Corp ISL78220 Datasheet HTML 2Page - Renesas Technology Corp ISL78220 Datasheet HTML 3Page - Renesas Technology Corp ISL78220 Datasheet HTML 4Page - Renesas Technology Corp ISL78220 Datasheet HTML 5Page - Renesas Technology Corp ISL78220 Datasheet HTML 6Page - Renesas Technology Corp ISL78220 Datasheet HTML 7Page - Renesas Technology Corp ISL78220 Datasheet HTML 8Page - Renesas Technology Corp ISL78220 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FN7688 Rev 4.00
Page 1 of 22
September 2, 2014
FN7688
Rev 4.00
September 2, 2014
ISL78220
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency
Enhancement
DATASHEET
The ISL78220 6-phase controller is targeted for applications
where high efficiency (>95%) and high power are required. The
multiphase boost converter architecture uses interleaved
timing to multiply channel ripple frequency and reduce input
and output ripple. Lower ripple results in fewer input/output
capacitors and therefore lower component cost and smaller
implementation area.
The ISL78220 has a dedicated pin to initiate the phase
dropping scheme for higher efficiency at light load by dropping
phases based on the load current, so the switching and core
losses in the converter are reduced significantly. As the load
increases, the dropped phase(s) are added back to
accommodate heavy load transients and improve efficiency.
Input current is sensed continuously by measuring the voltage
across a dedicated current sense resistor or by inductor DCR.
This current sensing provides precision channel-current
balancing, and per-phase overcurrent protection. A separate
totalizing current limit function provides overcurrent protection
for all the phases combined. This two-stage current protection
provides maximum performance and circuit reliability.
The ISL78220 can also provide for input voltage tracking via
the VREF2 pin. The comparison reference voltage will be the
lower of the VREF2 pin or the internal 2V reference. By using a
resistor network between VIN and VREF2 pin, the output
voltage can track input voltage to limit the output power during
automotive cranking conditions.
The ISL78220 can output a clock signal for expanding
operation to 12 phases, which offers high system flexibility.
The threshold-sensitive enable input is available to accurately
coordinate the start-up of the ISL78220 with any other voltage
rail.
Features
• Peak current mode PWM control with adjustable slope
compensation
• Precision resistor/DCR current sensing
• 2-, 3-, 4- or 6-phase operation
• Adjustable phase dropping/diode emulation/pulse skipping
for high efficiency at light load
• Phase dropping facilitated with companion FET driver
ISL78420 (featuring tri-level input control)
• Adjustable switching frequency or external synchronization
from 75kHz up to 1MHz per phase
• Over-temperature/overvoltage protection
• 2V ±1.0% internal reference
• Pb-free, 44 Ld 10x10 EP-TQFP package (RoHS compliant)
• -40°C to +125°C operating temperature range
• AEC-Q100 qualified
Applications
• Automotive power supplies
-Start/stop DC/DC converter
- Electronic power steering systems (EPAS)
-Fuel pumps
- Injection system
• Audio trunk amplifier power supplies
• Telecom and industrial power supplies
Related Literature
• AN1726, “ISL78220EVAL1Z: 6-Phase Interleaved
Synchronous Boost Converter”
0.88
0.89
0.90
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0
5
10
15
20
25
30
OUTPUT CURRENT (A)
WITH PHASE DROPPING
WITHOUT PHASE DROPPING
6V INPUT, 12V OUTPUT
SYNCHRONOUS BOOST
FIGURE 1. EFFICIENCY vs OUTPUT CURRENT vs PHASE DROPPING MODE


Similar Part No. - ISL78220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78220 INTERSIL-ISL78220 Datasheet
782Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
More results

Similar Description - ISL78220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
ISL78225 INTERSIL-ISL78225 Datasheet
985Kb / 21P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Renesas Technology Corp
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Intersil Corporation
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336 INTERSIL-ISL6336 Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Renesas Technology Corp
ISL6336 RENESAS-ISL6336 Datasheet
1Mb / 32P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Intersil Corporation
ISL6336CRZ-T INTERSIL-ISL6336CRZ-T Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Renesas Technology Corp
ISL6336B RENESAS-ISL6336B Datasheet
1Mb / 32P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Texas Instruments
TPS53211 TI1-TPS53211 Datasheet
708Kb / 21P
[Old version datasheet]   Single-Phase PWM Controller with Light-Load Efficiency Optimization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com