Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78226ANZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL78226ANZ
Description  6-Phase 12V/48V Bidirectional Synchronous PWM Controller
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78226ANZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL78226ANZ Datasheet HTML 1Page - Renesas Technology Corp ISL78226ANZ Datasheet HTML 2Page - Renesas Technology Corp ISL78226ANZ Datasheet HTML 3Page - Renesas Technology Corp ISL78226ANZ Datasheet HTML 4Page - Renesas Technology Corp ISL78226ANZ Datasheet HTML 5Page - Renesas Technology Corp ISL78226ANZ Datasheet HTML 6Page - Renesas Technology Corp ISL78226ANZ Datasheet HTML 7Page - Renesas Technology Corp ISL78226ANZ Datasheet HTML 8Page - Renesas Technology Corp ISL78226ANZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 121 page
background image
FN8887
Rev.2.00
Oct 19, 2017
ISL78226
6-Phase 12V/48V Bidirectional Synchronous PWM Controller
DATASHEET
FN8887 Rev.2.00
Page 1 of 121
Oct 19, 2017
The ISL78226 is a 6-phase, bidirectional, synchronous PWM
controller designed to perform power conversion between 12V
and 48V buses up to 3.75kW at >95% conversion efficiency.
One ISL78226 supports both Buck and Boost power
conversion enabling a compact and robust design with
minimum components.
ISL78226 regulates both voltage and current to control power
transfer from bus to bus. The multiphase architecture uses
interleaved timing to support up to six parallel power stages
per ISL78226. By interleaving the power stages, the ripple
frequency is multiplied, reducing input and output ripple
voltage and current. Lower ripple results in fewer input/output
capacitors and therefore, lower component cost and smaller
circuit implementation.
The IC is designed to be interleaved in a master/slave
architecture to be scaleable for higher power. Also integrated
within the device is a dual-output Flyback controller that
generates both a 12V supply for the power stage FET drivers as
well as a 6V supply for the ISL78226 from either of the two
buses. A 200mA auxiliary linear regulator is provided to supply
a local microcontroller or interface devices.
A PMBus interface provides system control and diagnostics to
support functional safety requirements. This digital interface
offers the system controller the ability to program operating
modes, voltage and current limit warning, protection
thresholds, individual fault response, and rapid fault condition
detection.
Related Literature
• For a full list of related documents, visit our website
- ISL78226 product page
Features
• 6-phase bidirectional synchronous 12V to 48V controller
• Master/slave architecture supports up to 4 ICs in parallel
• Voltage and current regulation
• Phase dropping facilitated with companion FET driver
• Average phase-to-phase current balancing
• 2% current monitor gain accuracy from 0 to full load
• Supply and clock redundancy for functional safety
• Cycle-by-cycle peak current limiting
• Cycle-by-cycle negative current limiting
• Digitally programmable average current limit
• Analog/digital control of output voltage
• PMBus for status monitoring and fault response control
• Selectable phase dropping and diode emulation for
light-load efficiency improvement
• Comprehensive protection with selectable hiccup or
latch-off fault responses
• Digitally programmable warning and fault thresholds
•Dual-output Flyback controller
• 200mA adjustable output linear regulator
• 10mmx10mm 64 Ld TQFP with exposed pad thermal
interface
• AEC-Q100 Grade 1
Applications
• Automotive bidirectional DC/DC converter
• Bidirectional DC/DC for smart grid
FIGURE 1A. BUCK MODE, DE MODE, PHASE-DROP ENABLED
FIGURE 1B. BOOST MODE, DE MODE, PHASE-DROP ENABLED
FIGURE 1. EFFICIENCY CURVES UP TO 6-PHASE
90
91
92
93
94
95
96
97
98
99
100
0
50
100
150
200
250
BAT12 LOAD CURRENT (A)
26V to 12V
36V to 12V
48V to 12V
57.6V to 12V
64V to 12V
2PH
3PH
4PH
6PH
90
92
94
96
98
100
0
5
10
15
20
25
30
35
40
45
50
55
60
65
BAT48 LOAD CURRENT (A)
12V to 48V
18V to 48V
21V to 48V


Similar Part No. - ISL78226ANZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78226ANZ INTERSIL-ISL78226ANZ Datasheet
1Mb / 94P
   6-Phase 12V/48V Bidirectional Synchronous PWM Controller
November 7, 2016
More results

Similar Description - ISL78226ANZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78226 INTERSIL-ISL78226 Datasheet
1Mb / 94P
   6-Phase 12V/48V Bidirectional Synchronous PWM Controller
November 7, 2016
logo
Renesas Technology Corp
ISL78224 RENESAS-ISL78224 Datasheet
8Mb / 147P
   4-Phase 12V/48V Bidirectional Synchronous PWM Controller
Oct 10, 2018
logo
Excelliance MOS Corp.
EM5301F EXCELLIANCE-EM5301F Datasheet
487Kb / 12P
   12V Synchronous Buck PWM Controller
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com