Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78236CRSHEVAL1Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL78236CRSHEVAL1Z
Description  Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78236CRSHEVAL1Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL78236CRSHEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL78236CRSHEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL78236CRSHEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL78236CRSHEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL78236CRSHEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL78236CRSHEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL78236CRSHEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL78236CRSHEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL78236CRSHEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ISL78236
FN8624 Rev.1.00
Page 11 of 24
Mar. 14, 2017
FIGURE 11. STEADY STATE OPERATION AT NO LOAD CHANNEL 1
FIGURE 12. STEADY STATE OPERATION AT NO LOAD CHANNEL 2
FIGURE 13. STEADY STATE OPERATION AT 3A LOAD CHANNEL 1
FIGURE 14. STEADY STATE OPERATION AT 3A LOAD CHANNEL 2
FIGURE 15. LOAD TRANSIENT CHANNEL 1
FIGURE 16. LOAD TRANSIENT CHANNEL 2
Typical Operating Performance for Dual PWM Operation Unless otherwise noted,
operating conditions are: TA = +25°C, VOUT1 = 1.8V, VOUT2 = 1.8V, IOUT1 = 0A to 3A, IOUT2 = 0A to 3A, L1 = L2 = 0.6µH, COUT1 = 2x22µF,
COUT2 = 2x22µF, FSW = 2.5MHz. (Continued)
LX1 2V/DIV
200ns/DIV
VOUT RIPPLE 20mV/DIV
IL1 2A/DIV
VIN = 5V
LX2 2V/DIV
200ns/DIV
IL2 2A/DIV
VOUT RIPPLE 20mV/DIV
VIN = 5V
LX1 2V/DIV
VOUT RIPPLE 20mV/DIV
IL1 2A/DIV
200ns/DIV
VIN = 5V
LX2 2V/DIV
VOUT RIPPLE 20mV/DIV
IL2 2A/DIV
200ns/DIV
VIN = 5V
IL1 2A/DIV
VOUT1 RIPPLE 100mV/DIV
100µs/DIV
CH2 IOUT = 0A
VIN = 5V
IL2 2A/DIV
100µs/DIV
CH1 IOUT = 0A
VIN = 5V
VOUT2 RIPPLE 100mV/DIV


Similar Part No. - ISL78236CRSHEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78236CRSHEVAL1Z INTERSIL-ISL78236CRSHEVAL1Z Datasheet
1Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
More results

Similar Description - ISL78236CRSHEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8033 RENESAS-ISL8033 Datasheet
2Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8033 INTERSIL-ISL8033 Datasheet
1Mb / 17P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033IRZ-T INTERSIL-ISL8033IRZ-T Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8033 INTERSIL-ISL8033_11 Datasheet
1Mb / 18P
   Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com