Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78302A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL78302A
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78302A Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL78302A Datasheet HTML 1Page - Renesas Technology Corp ISL78302A Datasheet HTML 2Page - Renesas Technology Corp ISL78302A Datasheet HTML 3Page - Renesas Technology Corp ISL78302A Datasheet HTML 4Page - Renesas Technology Corp ISL78302A Datasheet HTML 5Page - Renesas Technology Corp ISL78302A Datasheet HTML 6Page - Renesas Technology Corp ISL78302A Datasheet HTML 7Page - Renesas Technology Corp ISL78302A Datasheet HTML 8Page - Renesas Technology Corp ISL78302A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ISL78302A
FN7932 Rev 2.00
Page 3 of 12
December 22, 2015
Pin Configuration
ISL78302A
(10 LD 3X3 DFN)
TOP VIEW
Pin Descriptions
PIN NUMBER PIN NAME
TYPE
DESCRIPTION
1
VIN
Analog I/O
Supply Voltage/LDO Input. Connect a 1µF capacitor to GND.
2
EN1
Low Voltage Compatible CMOS Input LDO-1 Enable
3
EN2
Low Voltage Compatible CMOS Input LDO-2 Enable
4
CBYP
Analog I/O
Reference Bypass Capacitor Pin. Optionally connect capacitor of value 0.01µF to 1µF
between this pin and GND to tune in the desired noise and PSRR performance.
5
CPOR
Analog I/O
POR2 Delay Setting Capacitor Pin. Connect a capacitor between this pin and GND to
delay the POR2 output release after LDO-2 output reaches 94% of its specified
voltage level (200ms delay per 0.01µF).
6
GND
Ground
Connection to system ground. Connect to PCB Ground plane.
7POR1
Open Drain Output (1mA)
Open-drain POR Output for LDO-1 (active-low). Internally connected to VO1 through
100kΩ resistor.
8POR2
Open Drain Output (1mA)
Open-drain POR Output for LDO-2 (active-low). Internally connected to VO2 through
100kΩ resistor.
9
VO2
Analog I/O
LDO-2 Output. Connect capacitor of value 1µF to 10µF to GND
(1µF recommended).
10
VO1
Analog I/O
LDO-1 Output. Connect capacitor of value 1µF to 10µF to GND
(1µF recommended).
VIN
EN1
EN2
CBYP
CPOR
VO1
VO2
POR2
POR1
GND
2
3
4
1
5
9
8
7
10
6
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VO1 VOLTAGE
(V)
VO2 VOLTAGE
(V)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG DWG. #
ISL78302AARMMZ
DNAL
3.0
3.0
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302AARLLZ
DNAM
2.9
2.9
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302AARJMZ
DNAN
2.8
3.0
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302AARJRZ
DNAP
2.8
2.6
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302AARJCZ
DNAK
2.8
1.8
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302AARGCZ
DNAR
2.7
1.8
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302AARPLZ
DNAS
1.85
2.9
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302AARBJZ
DNAT
1.5
2.8
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL78302A. For more information on MSL, please see Tech Brief TB363.


Similar Part No. - ISL78302A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302A INTERSIL-ISL78302A Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL78302AARBJZ INTERSIL-ISL78302AARBJZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL78302AARGCZ INTERSIL-ISL78302AARGCZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL78302AARJCZ INTERSIL-ISL78302AARJCZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL78302AARJMZ INTERSIL-ISL78302AARJMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
More results

Similar Description - ISL78302A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000A INTERSIL-ISL9000A Datasheet
237Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com