Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78234ARZ-T7A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL78234ARZ-T7A
Description  3A and 4A Compact Synchronous Buck Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78234ARZ-T7A Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL78234ARZ-T7A Datasheet HTML 1Page - Renesas Technology Corp ISL78234ARZ-T7A Datasheet HTML 2Page - Renesas Technology Corp ISL78234ARZ-T7A Datasheet HTML 3Page - Renesas Technology Corp ISL78234ARZ-T7A Datasheet HTML 4Page - Renesas Technology Corp ISL78234ARZ-T7A Datasheet HTML 5Page - Renesas Technology Corp ISL78234ARZ-T7A Datasheet HTML 6Page - Renesas Technology Corp ISL78234ARZ-T7A Datasheet HTML 7Page - Renesas Technology Corp ISL78234ARZ-T7A Datasheet HTML 8Page - Renesas Technology Corp ISL78234ARZ-T7A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FN8359 Rev 8.00
Page 1 of 21
Apr 19, 2018
FN8359
Rev 8.00
Apr 19, 2018
ISL78233, ISL78234
3A and 4A Compact Synchronous Buck Regulators
DATASHEET
The ISL78233, ISL78234 are highly efficient, monolithic,
synchronous step-down DC/DC converters that can deliver 3A
(ISL78233), or 4A (ISL78234) of continuous output current from
a 2.7V to 5.5V input supply. The devices use current mode control
architecture to deliver a very low duty cycle operation at high
frequency with fast transient response and excellent loop stability.
The ISL78233, ISL78234 integrate a very low ON-resistance
P-channel (35mΩ) high-side FET and N-channel (11mΩ)
low-side FET to maximize efficiency and minimize external
component count. The 100% duty-cycle operation allows less
than 200mV dropout voltage at 4A output current. The
operation frequency of the Pulse-Width Modulator (PWM) is
adjustable from 500kHz to 4MHz. The default switching
frequency of 2MHz is set by connecting the FS pin high.
The ISL78233, ISL78234 can be configured for discontinuous
or forced continuous operation at light load. Forced continuous
operation reduces noise and RF interference, while
discontinuous mode provides higher efficiency by reducing
switching losses at light loads.
Fault protection is provided by internal Hiccup mode current
limiting during short-circuit and overcurrent conditions. Other
protection, such as overvoltage and over-temperature are also
integrated into the device. A power-good output voltage
monitor indicates when the output is in regulation.
The ISL78233, ISL78234 offers a 1ms Power-Good (PG) timer
at power-up. When in shutdown, the ISL78233, ISL78234
discharges the output capacitor through an internal soft-stop
switch. Other features include internal fixed or adjustable
soft-start and internal/external compensation.
The ISL78233, ISL78234 is available in a 3mmx3mm 16 Ld
Thin Quad Flat (TQFN) Pb-free package and in a 5mmx5mm
16 Ld Wettable Flank Quad Flat No-Lead (WFQFN) package
with an exposed pad for improved thermal performance. The
ISL78233, ISL78234 are rated to operate across the
temperature range of -40°C to +125°C.
Features
• 2.7V to 5.5V input voltage range
• Very low ON-resistance FETs - P-channel 35mΩ and
N-channel 11mΩ typical values
• High efficiency synchronous buck regulator with up to 95%
efficiency
• -1.2%/1% reference accuracy over temperature/load/line
• Complete BOM with as few as 3 external parts
• Internal soft-start - 1ms or adjustable
• Soft-stop output discharge during disable
• Adjustable frequency from 500kHz to 4MHz - default at
2MHz
• External synchronization up to 4MHz
• Over-temperature, overcurrent, overvoltage, and negative
overcurrent protection
• Shared common device pinout allows simplified output
power upgrades over time
• Tiny 3mmx3mm TQFN package
• AEC-Q100 qualified
Applications
• DC/DC POL modules
• μC/µP, FPGA, and DSP power
• Video processor/SOC power
• Li-ion battery powered devices
• Automotive infotainment power
Related Literature
For a full list of related documents, visit our website
- ISL78233, ISL78234 product page
FIGURE 1. EFFICIENCY vs LOAD (2MHz 5VIN PFM, TA = +25°C)
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OUTPUT LOAD (A)
1.2VOUT
1.8VOUT
1.5VOUT
2.5VOUT
3.3VOUT


Similar Part No. - ISL78234ARZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78234ARZ INTERSIL-ISL78234ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
More results

Similar Description - ISL78234ARZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8002 INTERSIL-ISL8002_13 Datasheet
1Mb / 24P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
ISL8023 INTERSIL-ISL8023 Datasheet
628Kb / 19P
   3A/4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
   EZBuck??4A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com